Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 572 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 572 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 568Page - Renesas Technology Corp HD6417618 Datasheet HTML 569Page - Renesas Technology Corp HD6417618 Datasheet HTML 570Page - Renesas Technology Corp HD6417618 Datasheet HTML 571Page - Renesas Technology Corp HD6417618 Datasheet HTML 572Page - Renesas Technology Corp HD6417618 Datasheet HTML 573Page - Renesas Technology Corp HD6417618 Datasheet HTML 574Page - Renesas Technology Corp HD6417618 Datasheet HTML 575Page - Renesas Technology Corp HD6417618 Datasheet HTML 576Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 572 / 646 page
background image
Section 21 Electrical Characteristics
Rev. 6.00 Jun. 12, 2007 Page 540 of 610
REJ09B0131-0600
21.2
Power-On and Power-Off Order
• Order of turning on 1.5-V system power (V
CC (main), VCC (sub), VCC (PLL1), and VCC (PLL2))
and 3.3-V system power (V
CCQ)
 First turn on the 3.3-V system power, then turn on the 1.5-V system power within 1 ms.
This time should be as short as possible. The system design must ensure that the states of
pins or undefined period of an internal state do not cause erroneous system operation.
 Until voltage is applied to all power supplies and a low level is input to the RES pin,
internal circuits remain unsettled, and so pin states are also undefined. The system design
must ensure that these undefined states do not cause erroneous system operation.
Waveforms at power-on are shown in the following figure.
VccQ (min.) power
Vcc (min.)
Vcc/2
VccQ : 3.3-V system power
Vcc : 1.5-V system power
t
PWU
t
UNC
GND
Pin states undefined
Normal operation period
Input low level in advance
Power-on reset state
Pin states undefined
RES
Other pins *
Note: * Except power/GND and clock related pins
Table 21.2
Recommended Timing at Power-On
Item
Symbol
Maximum Value
Unit
Time difference between turning on V
CCQ and VCC
t
PWU
1
ms
Time over which the internal state is undefined
t
UNC
100
ms
Note:
*
The values shown in table 21.2 are recommended values, so they represent guidelines
rather than strict requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com