Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 575 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 575 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 571Page - Renesas Technology Corp HD6417618 Datasheet HTML 572Page - Renesas Technology Corp HD6417618 Datasheet HTML 573Page - Renesas Technology Corp HD6417618 Datasheet HTML 574Page - Renesas Technology Corp HD6417618 Datasheet HTML 575Page - Renesas Technology Corp HD6417618 Datasheet HTML 576Page - Renesas Technology Corp HD6417618 Datasheet HTML 577Page - Renesas Technology Corp HD6417618 Datasheet HTML 578Page - Renesas Technology Corp HD6417618 Datasheet HTML 579Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 575 / 646 page
background image
Section 21 Electrical Characteristics
Rev. 6.00 Jun. 12, 2007 Page 543 of 610
REJ09B0131-0600
Table 21.4
DC Characteristics (2)
Conditions: T
a = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
V
CCQ
3.0
3.3
3.6
V
Power
supply
V
CC,
V
CC (PLL1),
V
CC (PLL2)
1.4
1.5
1.6
Input high
voltage
RES, NMI, IRQ7
to IRQ0, MD5,
MD3 to MD0,
ASEMD,
TESTMD,
HIFMD,
TRST
V
IH
V
CCQ × 0.9
V
CCQ + 0.3
V
EXTAL
V
CCQ – 0.3
V
CCQ + 0.3
Other input pins
2.0
V
CCQ + 0.3
Input low
voltage
RES, NMI, IRQ7
to IRQ0, MD5,
MD3 to MD0,
ASEMD,
TESTMD,
HIFMD,
TRST
V
IL
–0.3
V
CCQ × 0.1
V
EXTAL
–0.3
V
CCQ × 0.2
Other input pins
–0.3
V
CCQ × 0.2
2.4
V
V
CCQ = 3.0 V
I
OH = –200 µA
Output high
voltage
All output pins
V
OH
2.0
V
CCQ = 3.0 V
I
OH = –2 mA
Output low
voltage
All output pins
V
OL
0.55
V
V
CCQ = 3.6 V
I
OL = 2.0 mA
Notes: 1. The V
CC and VSS pins must be connected to the VCC and VSS.
2. Current consumption values are for V
IH min. = VCCQ − 0.5 V and VIL max. = 0.5 V with all
output pins unloaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com