Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 577 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 577 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 573Page - Renesas Technology Corp HD6417618 Datasheet HTML 574Page - Renesas Technology Corp HD6417618 Datasheet HTML 575Page - Renesas Technology Corp HD6417618 Datasheet HTML 576Page - Renesas Technology Corp HD6417618 Datasheet HTML 577Page - Renesas Technology Corp HD6417618 Datasheet HTML 578Page - Renesas Technology Corp HD6417618 Datasheet HTML 579Page - Renesas Technology Corp HD6417618 Datasheet HTML 580Page - Renesas Technology Corp HD6417618 Datasheet HTML 581Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 646 page
background image
Section 21 Electrical Characteristics
Rev. 6.00 Jun. 12, 2007 Page 545 of 610
REJ09B0131-0600
21.4.1
Clock Timing
Table 21.7
Clock Timing
Conditions: V
CCQ = 3.0 V to 3.6 V, VCC = 1.4 V to 1.6 V,
T
a = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications),
External bus operating frequency (Max.) = 50 MHz,
Item
Symbol
Min.
Max.
Unit.
Reference Figures
EXTAL clock input frequency
f
EX
10
25
MHz
Figure 21.1
EXTAL clock input cycle time
t
Excyc
40
100
ns
EXTAL clock input low pulse
width
t
EXL
10
ns
EXTAL clock input high pulse
width
t
EXH
10
ns
EXTAL clock rising time
t
Exr
4
ns
EXTAL clock falling time
t
Exf
4
ns
CKIO clock output frequency
f
OP
20
50
MHz
Figure 21.2
CKIO clock output cycle time
t
cyc
20
50
ns
CKIO clock low pulse width
t
CKOL
5
ns
CKIO clock high pulse width
t
CKOH
5
ns
CKIO clock rising time
t
CKOr
5
ns
CKIO clock falling time
t
CKOf
5
ns
CK_PHY clock low pulse width
t
CKPHYL
12
ns
CK_PHY clock high pulse width t
CKPHYH
12
ns
CK_PHY clock rising time
t
CKPHYr
6
ns
CK_PHY clock falling time
t
CKPHYf
6
ns
Oscillation settling time
(power-on)
t
OSC1
10
ms
Figure 21.3
RES setup time
t
RESS
25
ns
RES assert time
t
RESW
20
t
bcyc*
Figures 21.3 and 21.4
Oscillation settling time 1
(leaving standby mode)
t
OSC2
10
ms
Figure 21.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com