Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 574 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 574 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 570Page - Renesas Technology Corp HD6417618 Datasheet HTML 571Page - Renesas Technology Corp HD6417618 Datasheet HTML 572Page - Renesas Technology Corp HD6417618 Datasheet HTML 573Page - Renesas Technology Corp HD6417618 Datasheet HTML 574Page - Renesas Technology Corp HD6417618 Datasheet HTML 575Page - Renesas Technology Corp HD6417618 Datasheet HTML 576Page - Renesas Technology Corp HD6417618 Datasheet HTML 577Page - Renesas Technology Corp HD6417618 Datasheet HTML 578Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 574 / 646 page
background image
Section 21 Electrical Characteristics
Rev. 6.00 Jun. 12, 2007 Page 542 of 610
REJ09B0131-0600
21.3
DC Characteristics
Tables 21.4 and 21.5 show the DC characteristics.
Table 21.4
DC Characteristics (1)
Conditions: T
a = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Current
consumption
Normal operation
I
CC
100
140
mA
V
CC = 1.5 V
V
CCQ = 3.3 V
I
CCQ
30
50
mA
I
φ = 100 MHz
B
φ = 50 MHz
Standby mode
I
stby
500
700
µA
T
a = 25°C
V
CC = 1.5 V
V
CCQ = 3.3 V
Sleep mode
I
sleep
40
60
mA
I
sleepQ
30
50
mA
V
CC = 1.5 V
V
CCQ = 3.3 V
B
φ = 50 MHz
Input leakage
current
All pins
| I
in |
1.0
µA
V
in = 0.5 to
V
CCQ – 0.5 V
Tri-state leakage
current
I/O pins, all output
pins (off state)
| I
STI |
1.0
µA
V
in = 0.5 to
V
CCQ – 0.5 V
Input capacitance
All pins
C
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com