Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 578 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 578 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 574Page - Renesas Technology Corp HD6417618 Datasheet HTML 575Page - Renesas Technology Corp HD6417618 Datasheet HTML 576Page - Renesas Technology Corp HD6417618 Datasheet HTML 577Page - Renesas Technology Corp HD6417618 Datasheet HTML 578Page - Renesas Technology Corp HD6417618 Datasheet HTML 579Page - Renesas Technology Corp HD6417618 Datasheet HTML 580Page - Renesas Technology Corp HD6417618 Datasheet HTML 581Page - Renesas Technology Corp HD6417618 Datasheet HTML 582Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 578 / 646 page
background image
Section 21 Electrical Characteristics
Rev. 6.00 Jun. 12, 2007 Page 546 of 610
REJ09B0131-0600
Item
Symbol
Min.
Max.
Unit.
Reference Figures
Oscillation settling time 2
(leaving standby mode)
t
OSC3
10
ms
Figure 21.5
PLL synchronize settling time
t
PLL
100
µs
Figure 21.6
Note:
*
t
bcyc indicates the period of the external bus clock (Bφ).
tEXH
tEXf
tEXr
tEXL
tEXcyc
VIH
VIH
VIH
1/2 Vcc
1/2 Vcc
VIL
VIL
Note: * When the clock is input to the EXTAL pin
EXTAL* (input)
Figure 21.1 External Clock Input Timing
tcyc
tCKOL
tCKOH
VOH
1/2 Vcc
1/2 Vcc
tCKOr
tCKOf
VOH
VOL
VOL
VOH
CKIO (output)
40 ns
tCKPHYL
tCKPHYH
VOH
1/2 Vcc
1/2 Vcc
tCKPHYr
tCKPHYf
VOH
VOL
VOL
VOH
CK_PHY
Note: The CK_PHY output timing is the timing when its frequency is
set to 25 MHz.
Figure 21.2 CKIO and CK_PHY Clock Output Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com