Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 218Page - Renesas Technology Corp HD6417618 Datasheet HTML 219Page - Renesas Technology Corp HD6417618 Datasheet HTML 220Page - Renesas Technology Corp HD6417618 Datasheet HTML 221Page - Renesas Technology Corp HD6417618 Datasheet HTML 222Page - Renesas Technology Corp HD6417618 Datasheet HTML 223Page - Renesas Technology Corp HD6417618 Datasheet HTML 224Page - Renesas Technology Corp HD6417618 Datasheet HTML 225Page - Renesas Technology Corp HD6417618 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 190 of 610
REJ09B0131-0600
7.5.8
Wait between Access Cycles
Data output in the previous cycle may conflict with that in the next cycle because the buffer-off
timing of devices with slow access speed cannot be operated to satisfy the higher operating
frequency of LSIs. As a result of these conflict, the reliability of the device is low and
malfunctions may occur. This LSI has a function that avoids data conflicts by inserting wait cycles
between consecutive access cycles.
The number of wait cycles between access cycles can be set by bits IWW1 and IWW0, bits
IWRWD1 and IWRWD0, bits IWRWS1 and IWRWS0, bits IWRRD1 and IWRRD0, and bits
IWRRS1 and IWRRS0 in CSnBCR. The conditions for setting the wait cycles between access
cycles (idle cycles) are shown below.
1. Consecutive accesses are write-read or write-write
2. Consecutive accesses are read-write for different areas
3. Consecutive accesses are read-write for the same area
4. Consecutive accesses are read-read for different areas
5. Consecutive accesses are read-read for the same area
7.5.9
Others
Reset: The bus state controller (BSC) can be initialized completely only by a power-on reset. At
power-on reset, all signals are negated and output buffers are turned off regardless of the bus cycle
state. All control registers are initialized. In standby mode and sleep mode, control registers of the
BSC are not initialized.
Some flash memories may stipulate a minimum time from reset release to the first access. To
ensure this minimum time, the BSC supports a 7-bit counter (RWTCNT). At a power-on reset, the
RWTCNT contents are cleared to 0. After a power-on reset, RWTCNT is counted up in
synchronization with the CKIO signal and an external access will not be generated until RWTCNT
is counted up to H'007F.
Access from the Site of the LSI Internal Bus Master: There are three types of LSI internal
buses: a cache bus, internal bus, and peripheral bus. The CPU and cache memory are connected to
the cache bus. Internal bus masters other than the CPU and BSC are connected to the internal bus.
Low-speed peripheral modules are connected to the peripheral bus. Internal memory other than the
cache memory and debugging modules such as the UBC are connected to both the cache bus and
internal bus. Access from the cache bus to the internal bus is enabled but access from the internal
bus to the cache bus is disabled. This gives rise to the following problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com