Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 220Page - Renesas Technology Corp HD6417618 Datasheet HTML 221Page - Renesas Technology Corp HD6417618 Datasheet HTML 222Page - Renesas Technology Corp HD6417618 Datasheet HTML 223Page - Renesas Technology Corp HD6417618 Datasheet HTML 224Page - Renesas Technology Corp HD6417618 Datasheet HTML 225Page - Renesas Technology Corp HD6417618 Datasheet HTML 226Page - Renesas Technology Corp HD6417618 Datasheet HTML 227Page - Renesas Technology Corp HD6417618 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 192 of 610
REJ09B0131-0600
In read cycles, the CPU is placed in the wait cycle until read operation has been completed. To
continue the process after the data write to the device has been completed, perform a dummy read
to the same address to check for completion of the write before the next process to be executed.
The write buffer of the BSC functions in the same way for an access by a bus master other than the
CPU such as the DMAC or E-DMAC. Accordingly, to perform dual address DMA transfers, the
next read cycle is initiated before the previous write cycle is completed. Note, however, that if
both the DMA source and destination addresses exist in external memory space, the next write
cycle will not be initiated until the previous write cycle is completed.
On-Chip Peripheral Module Access: To access an on-chip module register, two or more
peripheral module clock (P
φ) cycles are required. Care must be taken in system design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com