Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 324Page - Renesas Technology Corp HD6417618 Datasheet HTML 325Page - Renesas Technology Corp HD6417618 Datasheet HTML 326Page - Renesas Technology Corp HD6417618 Datasheet HTML 327Page - Renesas Technology Corp HD6417618 Datasheet HTML 328Page - Renesas Technology Corp HD6417618 Datasheet HTML 329Page - Renesas Technology Corp HD6417618 Datasheet HTML 330Page - Renesas Technology Corp HD6417618 Datasheet HTML 331Page - Renesas Technology Corp HD6417618 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 296 of 610
REJ09B0131-0600
Multi-Buffer Frame Receive Processing
If an error occurs during multi-buffer frame reception, the processing shown in figure 12.7 is
carried out by the E-DMAC.
Where the receive descriptor is shown as inactive (RACT bit = 0) in the figure, buffer data has
already been received normally, and where the receive descriptor is shown as active (RACT bit =
1), this indicates a buffer for which reception has not yet been performed. If a frame receive error
occurs in the first descriptor part where the RACT bit = 1 in the figure, reception is halted
immediately and a status write-back to the descriptor is performed.
If error interrupts are enabled in the EtherC/E-DMAC status interrupt permission register
(EESIPR), an interrupt is generated immediately after the write-back. If there is a new frame
receive request, reception is continued from the buffer after that in which the error occurred.
E-DMAC
Inactivates RACT and writes RFE, RFS
Descriptor read
Write-back
Descriptors
Buffer
Received data
Unreceived data
Receive error
occurrence
Start of frame
New frame reception
continues from buffer
0
0
0
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
R
A
C
T
R
D
L
E
R
F
P
1
R
F
P
0
Figure 12.7 E-DMAC Operation after Receive Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com