Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 329 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 325Page - Renesas Technology Corp HD6417618 Datasheet HTML 326Page - Renesas Technology Corp HD6417618 Datasheet HTML 327Page - Renesas Technology Corp HD6417618 Datasheet HTML 328Page - Renesas Technology Corp HD6417618 Datasheet HTML 329Page - Renesas Technology Corp HD6417618 Datasheet HTML 330Page - Renesas Technology Corp HD6417618 Datasheet HTML 331Page - Renesas Technology Corp HD6417618 Datasheet HTML 332Page - Renesas Technology Corp HD6417618 Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 297 of 610
REJ09B0131-0600
12.4
Usage Notes
12.4.1
Usage Notes on SH-Ether EtherC/E-DMAC Status Register (EESR)
When the status bits in EESR of the on-chip E-DMAC of the SH-Ether chip are used as interrupt
sources, setting of the interrupt source may fail if software writes a 1 to the corresponding status
bit in EESR to clear the bit and this coincides with setting of the status interrupt source in EESR
by the EtherC or E-DMAC. Figure 12.8 shows an example of timing in the case where setting of
the interrupt source in EESR has failed.
(a) In this example, both the reception interrupt and transmission interrupt sources of EESR are
used. Firstly, reception interrupt source A from the EtherC or E-DMAC sets bit A in EESR and
an interrupt is generated.
(b) The interrupt handler writes 1 to bit A to clear it.
(c) If clearing of bit A by writing of a 1 and generation of the transmission-interrupt source B
signal by the EtherC or E-DMAC take place simultaneously, bit A will be cleared but the
status bit for transmission-interrupt source B in EESR might not be set.
Internal clock (I
φ)
Reception interrupt source A
generated by EtherC/E-DMAC
Transmission interrupt source B
generated by EtherC/E-DMAC
: Expected operation
Bit A in EESR
H'00000001
Bit B in EESR
Write access to EESR
by software
Data to be written to EESR
(a)
(b), (c)
(c)
Simultaneous clearing of the bit
by writing of a 1 and generation
of interrupt source B.
Failure to generate transmission
interrupt source B due to
non-setting of bit B.
Bit clearing
by writing a 1
Reception interrupt source A
is set in bit A of EESR.
Only bit A of EESR
is cleared by software.
Figure 12.8 Timing of the Case where Setting of the Interrupt Source Bit in EESR by the E-
DMAC Fails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com