Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 327Page - Renesas Technology Corp HD6417618 Datasheet HTML 328Page - Renesas Technology Corp HD6417618 Datasheet HTML 329Page - Renesas Technology Corp HD6417618 Datasheet HTML 330Page - Renesas Technology Corp HD6417618 Datasheet HTML 331Page - Renesas Technology Corp HD6417618 Datasheet HTML 332Page - Renesas Technology Corp HD6417618 Datasheet HTML 333Page - Renesas Technology Corp HD6417618 Datasheet HTML 334Page - Renesas Technology Corp HD6417618 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 299 of 610
REJ09B0131-0600
Bit
Bit Name Status
Possibility
of Problem
Reflection in
Descriptor
Interrupt
Source
15
Reserved
14
Reserved
13
Reserved
12
Transmit frame length error
Yes
Reflected in
TD0 bit4
(TFS4)
Transmit
11
CND
Carrier not detected
Yes
Reflected in
TD0 bit3
(TFS3)
Transmit
10
DLC
Loss of carrier detected
Yes
Reflected in
TD0 bit2
(TFS2)
Transmit
9
CD
Delayed collision detected
Yes
Reflected in
TD0 bit1
(TFS1)
Transmit
8
TRO
Transmit retry over
Yes
Reflected in
TD0 bit0
(TFS0)
Transmit
7
RMAF
Multicast address frame received
No
Reflected in
RD0 bit7
(RFS7)
Reception
6
Reserved
5
Receive frame discard request
asserted
No
Reflected in
RD0 bit5
(RFS5)
Reception
4
RRF
Residual-bit frame received
No
Reflected in
RD0 bit4
(RFS4)
Reception
3
RTLF
Overly long frame received
No
Reflected in
RD0 bit3
(RFS3)
Reception
2
RTSF
Overly short frame received
No
Reflected in
RD0 bit2
(RFS2)
Reception
1
PRE
PHY receive error
No
Reflected in
RD0 bit1
(RFS1)
Reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com