| Electronic Components Datasheet Search |
|
HD6432147SW Datasheet(PDF) 467 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432147SW Datasheet(HTML) 467 Page - Renesas Technology Corp |
|
467 / 1177 page ![]() Section 15 Serial Communication Interface (SCI, IrDA) Rev. 4.00 Sep 27, 2006 page 423 of 1130 REJ09B0327-0400 Section 15 Serial Communication Interface (SCI, IrDA) 15.1 Overview This LSI are equipped with a 3-channel serial communication interface (SCI). The SCI can handle both asynchronous and clocked synchronous serial communication. A function is also provided for serial communication between processors (multiprocessor communication function). One of the three SCI channels can transmit and receive IrDA communication waveforms based on IrDA specification version 1.0. 15.1.1 Features SCI features are listed below. • Choice of asynchronous or synchronous serial communication mode Asynchronous mode: Serial data communication is executed using an asynchronous system in which synchronization is achieved character by character Serial data communication can be carried out with standard asynchronous communication chips such as a Universal Asynchronous Receiver/Transmitter (UART) or Asynchronous Communication Interface Adapter (ACIA) A multiprocessor communication function is provided that enables serial data communication with a number of processors Choice of 12 serial data transfer formats Data length: 7 or 8 bits Stop bit length: 1 or 2 bits Parity: Even, odd, or none Multiprocessor bit: 1 or 0 Receive error detection: Parity, overrun, and framing errors Break detection: Break can be detected by reading the RxD pin level directly in case of a framing error |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |