Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432147SW Datasheet(PDF) 470 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 470 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 466Page - Renesas Technology Corp HD6432147SW Datasheet HTML 467Page - Renesas Technology Corp HD6432147SW Datasheet HTML 468Page - Renesas Technology Corp HD6432147SW Datasheet HTML 469Page - Renesas Technology Corp HD6432147SW Datasheet HTML 470Page - Renesas Technology Corp HD6432147SW Datasheet HTML 471Page - Renesas Technology Corp HD6432147SW Datasheet HTML 472Page - Renesas Technology Corp HD6432147SW Datasheet HTML 473Page - Renesas Technology Corp HD6432147SW Datasheet HTML 474Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 426 of 1130
REJ09B0327-0400
15.1.3
Pin Configuration
Table 15.1 shows the serial pins used by the SCI.
Table 15.1
SCI Pins
Channel
Pin Name
Symbol*
I/O
Function
0
Serial clock pin 0
SCK0
I/O
SCI0 clock input/output
Receive data pin 0
RxD0
Input
SCI0 receive data input
Transmit data pin 0
TxD0
Output
SCI0 transmit data output
1
Serial clock pin 1
SCK1
I/O
SCI1 clock input/output
Receive data pin 1
RxD1
Input
SCI1 receive data input
Transmit data pin 1
TxD1
Output
SCI1 transmit data output
2
Serial clock pin 2
SCK2
I/O
SCI2 clock input/output
Receive data pin 2
RxD2/IrRxD
Input
SCI2 receive data input
(normal/IrDA)
Transmit data pin 2
TxD2/IrTxD
Output
SCI2 transmit data output
(normal/IrDA)
Note:
*
The abbreviations SCK, RxD, and TxD are used in the text, omitting the channel
number.
15.1.4
Register Configuration
The SCI has the internal registers shown in table 15.2. These registers are used to specify
asynchronous mode or synchronous mode, the data format, and the bit rate, and to control the
transmitter/receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com