Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432147SW Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 162Page - Renesas Technology Corp HD6432147SW Datasheet HTML 163Page - Renesas Technology Corp HD6432147SW Datasheet HTML 164Page - Renesas Technology Corp HD6432147SW Datasheet HTML 165Page - Renesas Technology Corp HD6432147SW Datasheet HTML 166Page - Renesas Technology Corp HD6432147SW Datasheet HTML 167Page - Renesas Technology Corp HD6432147SW Datasheet HTML 168Page - Renesas Technology Corp HD6432147SW Datasheet HTML 169Page - Renesas Technology Corp HD6432147SW Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 1177 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Sep 27, 2006 page 122 of 1130
REJ09B0327-0400
5.2.6
Keyboard Matrix Interrupt Mask Register (KMIMR)
7
KMIMR7
1
R/W
6
KMIMR6
0
R/W
5
KMIMR5
1
R/W
4
KMIMR4
1
R/W
3
KMIMR3
1
R/W
0
KMIMR0
1
R/W
2
KMIMR2
1
R/W
1
KMIMR1
1
R/W
Bit
Initial value
Read/Write
KMIMR is an 8-bit readable/writable register that performs mask control for the keyboard matrix
interrupt inputs (pins
KIN7 to KIN0). To enable key-sense input interrupts from multiple pin
inputs in keyboard matrix scanning/sensing, clear the corresponding mask bits to 0.
KMIMR is initialized to H'BF by a reset and in hardware standby mode and only
IRQ6 (KIN6)
input is enabled.
Bits 7 to 0—Keyboard Matrix Interrupt Mask (KMIMR7 to KMIMR0): These bits control
key-sense input interrupt requests (KIN7 to KIN0).
Bits 7 to 0
KMIMR7 to
KMIMR0
Description
0
Key-sense input interrupt requests enabled
1
Key-sense input interrupt requests disabled (Initial value)*
Note:
*
However, the initial value of KMIMR6 is 0 because the KMIMR6 bit controls both
IRQ6
interrupt request masking and key-sense input enabling.
5.2.7
Keyboard Matrix Interrupt Mask Register (KMIMRA)
7
KMIMR15
1
R/W
6
KMIMR14
1
R/W
5
KMIMR13
1
R/W
4
KMIMR12
1
R/W
3
KMIMR11
1
R/W
0
KMIMR8
1
R/W
2
KMIMR10
1
R/W
1
KMIMR9
1
R/W
Bit
Initial value
Read/Write
KMIMRA is an 8-bit readable/writable register that performs mask control for the keyboard
matrix interrupt inputs (pins
KIN15 to KIN8). To enable key-sense input interrupts from multiple
pin inputs in keyboard matrix scanning/sensing, clear the corresponding mask bits to 0.
KMIMRA is initialized to H'FF by a reset and in hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com