Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432147SW Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 172Page - Renesas Technology Corp HD6432147SW Datasheet HTML 173Page - Renesas Technology Corp HD6432147SW Datasheet HTML 174Page - Renesas Technology Corp HD6432147SW Datasheet HTML 175Page - Renesas Technology Corp HD6432147SW Datasheet HTML 176Page - Renesas Technology Corp HD6432147SW Datasheet HTML 177Page - Renesas Technology Corp HD6432147SW Datasheet HTML 178Page - Renesas Technology Corp HD6432147SW Datasheet HTML 179Page - Renesas Technology Corp HD6432147SW Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 1177 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Sep 27, 2006 page 132 of 1130
REJ09B0327-0400
5.4
Address Breaks
5.4.1
Features
With this LSI, it is possible to identify the prefetch of a specific address by the CPU and generate
an address break interrupt, using the ABRKCR and BAR registers. When an address break
interrupt is generated, address break interrupt exception handling is executed.
This function can be used to detect the beginning of execution of a bug location in the program,
and branch to a correction routine.
5.4.2
Block Diagram
A block diagram of the address break function is shown in figure 5.5.
BAR
ABRKCR
Comparator
Match
signal
Control logic
Address break
interrupt request
Internal address
Prefetch signal
(internal signal)
Figure 5.5 Block Diagram of Address Break Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com