| Electronic Components Datasheet Search |
|
HD6432147SW Datasheet(PDF) 184 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432147SW Datasheet(HTML) 184 Page - Renesas Technology Corp |
|
184 / 1177 page ![]() Section 5 Interrupt Controller Rev. 4.00 Sep 27, 2006 page 140 of 1130 REJ09B0327-0400 5.5.3 Interrupt Control Mode 1 Three-level masking is implemented for IRQ interrupts and on-chip supporting module interrupts by means of the I and UI bits in the CPU’s CCR, and ICR. • Control level 0 interrupt requests are enabled when the I bit is cleared to 0, and disabled when set to 1. • Control level 1 interrupt requests are enabled when the I bit or UI bit is cleared to 0, and disabled when both the I bit and the UI bit are set to 1. For example, if the interrupt enable bit for an interrupt request is set to 1, and H'20, H'00, and H'00 are set in ICRA, ICRB, and ICRC, respectively, (i.e. IRQ2 and IRQ3 interrupts are set to control level 1 and other interrupts to control level 0), the situation is as follows: • When I = 0, all interrupts are enabled (Priority order: NMI > IRQ2 > IRQ3 > address break > IRQ0 > IRQ1 ...) • When I = 1 and UI = 0, only NMI, IRQ2, IRQ3 and address break interrupts are enabled • When I = 1 and UI = 1, only NMI and address break interrupts are enabled Figure 5.9 shows the state transitions in these cases. Only NMI interrupts and address break enabled All interrupts enabled Exception handling execution or I ← 1, UI ← 1 I ← 0 I ← 1, UI ← 0 I ← 0 UI ← 0 Exception handling execution or UI ← 1 Only NMI, IRQ2, IRQ3, and address break interrupts enabled Figure 5.9 Example of State Transitions in Interrupt Control Mode 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |