Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7014 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 4Page - Renesas Technology Corp SH7014 Datasheet HTML 5Page - Renesas Technology Corp SH7014 Datasheet HTML 6Page - Renesas Technology Corp SH7014 Datasheet HTML 7Page - Renesas Technology Corp SH7014 Datasheet HTML 8Page - Renesas Technology Corp SH7014 Datasheet HTML 9Page - Renesas Technology Corp SH7014 Datasheet HTML 10Page - Renesas Technology Corp SH7014 Datasheet HTML 11Page - Renesas Technology Corp SH7014 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 754 page
background image
Rev.5.00 Sep. 27, 2007 Page viii of xxxiv
REJ09B0398-0500
Item
Page
Revision (See Manual for Details)
1.3.1 Pin Arrangement
Figure 1.4 SH7016,
SH7017 Pin
Arrangement (FP-112
Top View)
9
Note amended
Note:
*
V
CC in the SH7016, FWP in the SH7017 (except
FWE pin in the programmer mode).
5.3.1 Address Error
Sources
Table 5.5 Bus Cycles
and Address Errors
64
Title added and table amended
Bus Cycle
Type
Bus
Master
Bus Cycle Description
Address Errors
CPU
Instruction fetched from even address
None (normal)
Instruction
fetch
Instruction fetched from odd address
Address error occurs
Instruction fetched from other than on-chip peripheral
module space*
None (normal)
Instruction fetched from on-chip peripheral module
space*
Address error occurs
Instruction fetched from external memory space when
in single chip mode
Address error occurs
5.4.1 Interrupt Sources 65
Title added and description amended
Table 5.6 shows the sources that start up interrupt exception
processing. These are divided into NMI,
IRQ and on-chip
peripheral modules.
6.3.1 Interrupt Priority
Registers A to H (IPRA
to IPRH)
82
Description amended
IPRA to IPRH are initialized to H'0000 by a power-on reset
.
They are not initialized in standby mode.
8.1.3 Pin Configuration
Table 8.1 Pin
Configuration
103
Table amended
Signal
I/O
Description
WRH
O
Strobe that indicates a write cycle to the higher byte (D15 to D8) for
ordinary space/multiplex I/O. Also output during DRAM access.
WRL
O
Strobe that indicates a write cycle to the lower byte (D7 to D0) for ordinary
space/multiplex I/O. Also output during DRAM access.
105
Table amdended
Addresss
H'00000000 to H'0001FFF*
4
8.1.5 Address Map
Table 8.3 Address Map
• In on-chip ROM
enabled mode
8.2.1 Bus Control
Register 1 (BCR1)
Bit 0
⎯CS0 Space Size
Specification (A0SZ)
108
Note added
Note:
A0SZ is effective only in on-chip ROM effective mode.
In on-chip ROM ineffective mode, the CS0 space bus
size is specified by the mode pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com