Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7014 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 82Page - Renesas Technology Corp SH7014 Datasheet HTML 83Page - Renesas Technology Corp SH7014 Datasheet HTML 84Page - Renesas Technology Corp SH7014 Datasheet HTML 85Page - Renesas Technology Corp SH7014 Datasheet HTML 86Page - Renesas Technology Corp SH7014 Datasheet HTML 87Page - Renesas Technology Corp SH7014 Datasheet HTML 88Page - Renesas Technology Corp SH7014 Datasheet HTML 89Page - Renesas Technology Corp SH7014 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 754 page
background image
3. Operating Modes
Rev.5.00 Sep. 27, 2007 Page 52 of 716
REJ09B0398-0500
3.2
Explanation of Operating Modes
Table 3.3 describes the operating modes.
Table 3.3
Operating Modes
Mode
Description
(MCU) Mode 0
CS0 area becomes an external memory space with 8-bit bus width.
(MCU) Mode 1
CS0 area becomes an external memory space with 16-bit bus width.
(MCU) Mode 2
The on-chip ROM becomes effective. The bus width for the on-chip
ROM space is 32 bit.
Mode 3 (single chip
mode)
Any port can be used, but external addresses can not be employed.
Clock mode
The input waveform frequency can be used as is, doubled or
quadrupled as an internal clock in modes 0 to 3.
3.3
Pin Configuration
Table 3.4 describes the function of each operating mode related pin.
Table 3.4
Operating Mode Pin Function
Pin Name
Input/Output
Function
XTAL
Input
Connects to a crystal oscillator
EXTAL
Input
Connects to a crystal oscillator, or used for external clock input pin
PLLCAP
Input
Connects to a capacitor for PLL circuit operation
MD0
Input
Designates operating mode through the level applied to this pin
MD1
Input
Designates operating mode through the level applied to this pin
MD2
Input
Designates clock mode through the level applied to this pin
MD3
Input
Designates clock mode through the level applied to this pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com