Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7014 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 5Page - Renesas Technology Corp SH7014 Datasheet HTML 6Page - Renesas Technology Corp SH7014 Datasheet HTML 7Page - Renesas Technology Corp SH7014 Datasheet HTML 8Page - Renesas Technology Corp SH7014 Datasheet HTML 9Page - Renesas Technology Corp SH7014 Datasheet HTML 10Page - Renesas Technology Corp SH7014 Datasheet HTML 11Page - Renesas Technology Corp SH7014 Datasheet HTML 12Page - Renesas Technology Corp SH7014 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 754 page
background image
Rev.5.00 Sep. 27, 2007 Page ix of xxxiv
REJ09B0398-0500
Item
Page
Revision (See Manual for Details)
8.2.5 DRAM Area
Control Register (DCR)
115
Description amended
DCR is a 16-bit read/write register that selects the number of
waits, operation mode, number of address multiplex shifts and
the like for DRAM control.
After a power-on reset, write the initial values to the bits in DCR
and do not change the values afterward.
Do not perform any DRAM space accesses before DCR initial
settings are completed.
9.1.1 Features
147
Description amended
• Transfer requests: There are three DMAC transfer activation
requests, as indicated below.
⎯ External request: From two
DREQ pins. DREQ can be
detected either by falling edge or by low level. These
can be received by all channels.
9.2.3 DMA Transfer
Count Registers 0, 1
(DMATCR0, DMATCR1)
153
Description amended
… Specifying a H'000001 gives a transfer count of 1, while
H'000000 gives the maximum setting, 65,536 transfers. While
DMAC is in operation, the number of transfers to be performed
is indicated. The initial value after power-on resets or in
software standby mode is undefined.
Upper sixteen bits of this register are read as 0 and the write
value should always be 0.
9.3.5 Number of Bus
Cycle States and
DREQ
Pin Sample Timing
Cycle Steal Mode
Operations:
Figure 9.12 Cycle
Steal, Single Address
and Level Detection
(Normal Operation)
176
Note added
Note:
With cycle-steal and single address operation, sampling
timing is the same whether
DREQ detection is by level
or by edge.
Burst Mode, Single
Address, and Edge
Detection:
185
Description amended
…During this period, data is undefined, and DACK is not
output. Nor is the number of DMAC transfers counted. The
actual DMAC transfer begins after one dummy bus cycle
output. Thereafter, DMAC transfer continues until the data
transfer count set in the DMATCR has ended. ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com