Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7014 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 150Page - Renesas Technology Corp SH7014 Datasheet HTML 151Page - Renesas Technology Corp SH7014 Datasheet HTML 152Page - Renesas Technology Corp SH7014 Datasheet HTML 153Page - Renesas Technology Corp SH7014 Datasheet HTML 154Page - Renesas Technology Corp SH7014 Datasheet HTML 155Page - Renesas Technology Corp SH7014 Datasheet HTML 156Page - Renesas Technology Corp SH7014 Datasheet HTML 157Page - Renesas Technology Corp SH7014 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 120 of 716
REJ09B0398-0500
Bit 1
⎯Refresh Control (RFSH): Selects whether to use refresh control for DRAM.
Bit 1
RFSH
Description
0
Do not refresh DRAM
(initial value)
1
Refresh DRAM
Bit 0
⎯Refresh Mode (RMD): When the RFSH bit is 1, this bit selects normal refresh or self-
refresh. When the RFSH bit is 1, self-refresh mode is entered immediately after the RMD bit is set
to 1. When RMD is cleared to 0, a CAS-before-RAS refresh is performed at the interval set in the
refresh time constant register (RTCNT).
When set for self-refresh, the this LSI enters self-refresh mode immediately unless it is in the
middle of a DRAM access. If it is, it enters self-refresh mode when the access ends. Refresh
requests from the interval timer are ignored in self-refresh mode.
Bit 0
RMD
Description
0
CAS-before-RAS refresh
(initial value)
1
Self-refresh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com