Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7014 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 156Page - Renesas Technology Corp SH7014 Datasheet HTML 157Page - Renesas Technology Corp SH7014 Datasheet HTML 158Page - Renesas Technology Corp SH7014 Datasheet HTML 159Page - Renesas Technology Corp SH7014 Datasheet HTML 160Page - Renesas Technology Corp SH7014 Datasheet HTML 161Page - Renesas Technology Corp SH7014 Datasheet HTML 162Page - Renesas Technology Corp SH7014 Datasheet HTML 163Page - Renesas Technology Corp SH7014 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 126 of 716
REJ09B0398-0500
8.3.3
CS Assert Period Extension
Idle cycles can be inserted to prevent extension of the
RD signal or WRx signal assert period
beyond the length of the
CSn signal assert period by setting the SW3 to SW0 bits of BCR2. This
allows for flexible interfaces with external circuitry. The timing is shown in figure 8.6. T
h and Tf
cycles are added respectively before and after the ordinary cycle. Only
CSn is asserted in these
cycles;
RD and WRx signals are not. Further, data is extended up to the T
f cycle, which is
effective for gate arrays and the like, which have slower write operations.
Th
T1
CK
Read
Write
Address
CSn
RD
Data
WRx
Data
DACK
T2
Tf
Figure 8.6
CS Assert Period Extension Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com