Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 45Page - Renesas Technology Corp 7721 Datasheet HTML 46Page - Renesas Technology Corp 7721 Datasheet HTML 47Page - Renesas Technology Corp 7721 Datasheet HTML 48Page - Renesas Technology Corp 7721 Datasheet HTML 49Page - Renesas Technology Corp 7721 Datasheet HTML 50Page - Renesas Technology Corp 7721 Datasheet HTML 51Page - Renesas Technology Corp 7721 Datasheet HTML 52Page - Renesas Technology Corp 7721 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 577 page
background image
CONNECTION WITH EXTERNAL DEVICES
3.1 Signals required for accessing external devices
7721 Group User’s Manual
3–2
3.1 Signals required for accessing external devices
The functions and operations of the signals which are required for accessing the external devices are
described below.
When connecting an external device that requires long access time, refer to sections “3.2 Software Wait,”
“3.3 Ready function,” and “3.4 Hold function,” as well as this section. When the external DRAM is
controlled by using DRAM controller, refer to “CHAPTER 14. DRAM CONTROLLER.”
3.1.1 Descriptions of signals
Figure 3.1.1 shows the pin configurations when the external data bus width is 16 bits and 8 bits.
(1)
External buses (A0–A7, A8/D8–A15/D15, A16/D0–A23/D7)
The external area is specified by the address (A0–A23) output.
The A8–A23 pins of the external address bus and the D0–D15 pins of the external data bus are
assigned to the same pins.
When the BYTE pin level, described later, is “L” (external data bus width is 16 bits), the A8/D8–
A15/D15 and A16/D0–A23/D7 pins perform address output and data input/output with time-sharing.
When the BYTE pin level is “H” (external data bus width is 8 bits), the A16/D0–A23/D7 pins perform
address output and data input/output with time-sharing, and the A8–A15 pins output the address.
(2)
External data bus width switching signal (BYTE pin level)
This signal is used to select the external data bus width from 8 bits and 16 bits. The width is 16 bits
when the level is “L,” and 8 bits when the level is “H.” Fix this signal to either “H” or “L” level. This
signal is valid only for the external area. (When accessing the internal area, the data bus width is
always 16 bits.)
(3)
__
Enable signal (E)
This signal becomes “L” level while reading or writing data from and to the data bus. (Refer to
“Table 3.1.1.”)
(4)
__
Read/Write signal (R/W)
This signal indicates the state of the data bus. This signal becomes “L” level while writing data to
__
__
the data bus. Table 3.1.1 lists the state of the data bus indicated with the E and R/W signals.
_
Table 3.1.1 State of data bus indicated with E and
__
R/W signals
__
E
H
L
__
R/W
H
L
H
L
State of data bus
Not used
Read data
Write data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com