Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 53Page - Renesas Technology Corp 7721 Datasheet HTML 54Page - Renesas Technology Corp 7721 Datasheet HTML 55Page - Renesas Technology Corp 7721 Datasheet HTML 56Page - Renesas Technology Corp 7721 Datasheet HTML 57Page - Renesas Technology Corp 7721 Datasheet HTML 58Page - Renesas Technology Corp 7721 Datasheet HTML 59Page - Renesas Technology Corp 7721 Datasheet HTML 60Page - Renesas Technology Corp 7721 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 577 page
background image
CONNECTION WITH EXTERNAL DEVICES
3.3 Ready function
7721 Group User’s Manual
3–10
3.3 Ready function
Ready function provides the function to facilitate access to external devices that require long access time.
____
The microcomputer enters Ready state by input of “L” level to the RDY pin and retains this state while the
____
level of the RDY pin is at “L.” Table 3.3.1 lists the microcomputer’s state in Ready state.
In Ready state, the oscillator’s oscillation does not stop. Accordingly, the internal peripheral devices can
operate. Ready function is valid for the internal and external areas.
Table 3.3.1 Microcomputer’s state in Ready state
Item
Oscillation
φCPU, φ
___
Pins A0 to A7, A8/D8 to A15/D15, A16/D0 to A23/D7, E, R/W,
____
____
BHE, BLE, ST0, ST1, ALE
Pins P43 to P47, P5 to P10 (Note)
Pin
φ1
Watchdog timer
State
Operating
Stopped at “L”
Retain the state when Ready request was accepted.
Outputs clock
φ1.
Operating
Note: This applies when this functions as a programmable I/O port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com