| Electronic Components Datasheet Search |
|
7721 Datasheet(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Datasheet(HTML) 26 Page - Renesas Technology Corp |
|
26 / 577 page ![]() 7721 Group User’s Manual 2.1 Central processing unit CENTRAL PROCESSING UNIT (CPU) 2–3 2.1.1 Accumulator (Acc) Accumulators A and B are available. (1) Accumulator A (A) Accumulator A is the main register of the microcomputer. The transaction of data such as calculation, data transfer, and input/output are performed mainly through accumulator A. It consists of 16 bits, and the low-order 8 bits can also be used separately. The data length flag (m) determines whether the register is used as a 16-bit register or as an 8-bit register. When an 8-bit register is selected, only the low-order 8 bits of accumulator A are used and the contents of the high-order 8 bits is unchanged. (2) Accumulator B (B) Accumulator B is a 16-bit register with the same function as accumulator A. Accumulator B can be used instead of accumulator A. The use of accumulator B, however except for some instructions, requires more instruction bytes and execution cycles than that of accumulator A. Accumulator B is also controlled by the data length flag (m) just as in accumulator A. 2.1.2 Index register X (X) Index register X consists of 16 bits and the low-order 8 bits can also be used separately. The index register length flag (x) determines whether the register is used as a 16-bit register or as an 8-bit register. When an 8-bit register is selected, only the low-order 8 bits of index register X are used and the contents of the high-order 8 bits is unchanged. In an addressing mode in which index register X is used as an index register, the address obtained by adding the contents of this register to the operand’s contents is accessed. In the MVP or MVN instruction, a block transfer instruction, the contents of index register X indicate the low-order 16 bits of the source address. The third byte of the instruction is the high-order 8 bits of the source address. Note: Refer to “7700 Family Software Manual” for addressing modes. 2.1.3 Index register Y (Y) Index register Y is a 16-bit register with the same function as index register X. Just as in index register X, the index register length flag (x) determines whether this register is used as a 16-bit register or as an 8-bit register. In the MVP or MVN instruction, a block transfer instruction, the contents of index register Y indicate the low-order 16 bits of the destination address. The second byte of the instruction is the high-order 8 bits of the destination address. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |