Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 51Page - Renesas Technology Corp 7721 Datasheet HTML 52Page - Renesas Technology Corp 7721 Datasheet HTML 53Page - Renesas Technology Corp 7721 Datasheet HTML 54Page - Renesas Technology Corp 7721 Datasheet HTML 55Page - Renesas Technology Corp 7721 Datasheet HTML 56Page - Renesas Technology Corp 7721 Datasheet HTML 57Page - Renesas Technology Corp 7721 Datasheet HTML 58Page - Renesas Technology Corp 7721 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 577 page
background image
CONNECTION WITH EXTERNAL DEVICES
3.2 Software Wait
7721 Group User's Manual
3–8
3.2 Software Wait
Software Wait provides a function to facilitate access to external devices that require long access time. To
select the software Wait, use the wait bit (bit 2 at address 5E16). Figure 3.2.1 shows the structure of
processor mode register 0 (address 5E16). Figure 3.2.2 shows examples of bus timing when software Wait
is used.
Software Wait is valid only for the eternal area. The internal area is always accessed with no Wait.
Fig. 3.2.1 Structure of processor mode register 0
Bit
Bit name
Functions
At reset
RW
0
1
3
4
5
6
7
Fix this bit to “0.”
Software reset bit
Interrupt priority detection time
select bits
Stack bank select bit
0
0
0
The microcomputer is reset by
writing “1” to this bit. The value is
“0” at reading.
0 0 : 7 cycles of
0 1 : 4 cycles of
1 0 : 2 cycles of
1 1 : Do not select.
0 : Bank 016
1 : Bank FF16
0
1
b5 b4
Processor mode register 0 (Address 5E16)
b1
b0
b2
b3
b4
b5
b6
b7
0
RW
–
WO
0
RW
0
RW
Fix this bit to “0.”
RW
RW
0
Nothing is assigned.
The value is “1” at reading.
2
0
Wait bit
RW
0 : Software Wait is inserted when
accessing external area.
1 : No software Wait is inserted
when accessing external area.
: Bits 0, 1, and 3 to 6 are not used for accessing external area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com