Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 113Page - Renesas Technology Corp 7721 Datasheet HTML 114Page - Renesas Technology Corp 7721 Datasheet HTML 115Page - Renesas Technology Corp 7721 Datasheet HTML 116Page - Renesas Technology Corp 7721 Datasheet HTML 117Page - Renesas Technology Corp 7721 Datasheet HTML 118Page - Renesas Technology Corp 7721 Datasheet HTML 119Page - Renesas Technology Corp 7721 Datasheet HTML 120Page - Renesas Technology Corp 7721 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 577 page
background image
7721 Group User’s Manual
INTERRUPTS
7–20
___
7.10 External interrupts (INTi interrupt)
____
7.10.1 Functions of INTi interrupt request bit
(1)
Functions when edge sense is selected
The interrupt request bit has the same functions as that of an internal interrupt. That is, when an
interrupt request occurs, the interrupt request bit is set to “1” and retains this state until the interrupt
request is accepted. When this bit is cleared to “0” by software, the interrupt request is cancelled;
when this bit is set to “1” by software, the interrupt request can be generated.
(2)
Functions when level sense is selected
___
The INTi interrupt request bit is ignored.
___
___
Interrupt requests continuously occur while the level of the INTi pin is the valid levelV1; when the INTi
___
pin’s level changes from the valid level to the invalid levelV2 before the INTi interrupt request is
accepted, this interrupt request is not retained. (Refer to “Figure 7.10.4.”)
Valid levelV1: This means the level selected by the polarity select bit (bit 4 at addresses 7D16 to 7F16)
Invalid levelV2: This means the reversed level of “valid level”
INTi pin
Edge detection
circuit
Interrupt request
Level sense/Edge sense
select bit
Data bus
Interrupt request bit
“0”
“1”
___
Fig. 7.10.3 INTi Interrupt request
First interrupt routine
INTi
pin level
Valid
Invalid
Main routine
Interrupt request is accepted.
Return to main routine.
Second interrupt
routine
Third interrupt
routine
Main routine
When the INTi pin’s level changes
to the invalid level before an interrupt
request is accepted, the interrupt
request is not retained.
____
Fig. 7.10.4 Occurrence of INTi interrupt request when level sense is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com