Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 133Page - Renesas Technology Corp 7721 Datasheet HTML 134Page - Renesas Technology Corp 7721 Datasheet HTML 135Page - Renesas Technology Corp 7721 Datasheet HTML 136Page - Renesas Technology Corp 7721 Datasheet HTML 137Page - Renesas Technology Corp 7721 Datasheet HTML 138Page - Renesas Technology Corp 7721 Datasheet HTML 139Page - Renesas Technology Corp 7721 Datasheet HTML 140Page - Renesas Technology Corp 7721 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–18
8.4 Event counter mode
8.4 Event counter mode
In this mode, the timer counts an external signal. (Refer to “Tables 8.4.1 and 8.4.2.”) Timers A2 to A4 can
be used in this mode. Figure 8.4.1 shows the structures of the timer Aj mode register and timer Aj register
in the event counter mode.
Table 8.4.1 Specifications of event counter mode (when not using two-phase pulse signal processing function)
Specifications
q External signal input to the TAjIN pin
q The count source’s valid edge can be selected from the falling edge
and the rising edge by software.
q Countup or countdown can be switched by external signal or software.
q When a counter overflow or underflow occurs, reload register’s contents
are reloaded, and counting continues.
q For countdown
q For countup
When the count start bit is set to “1.”
When the count start bit is cleared to “0.”
When a counter overflow or underflow occurs.
Count source input
Programmable I/O port, pulse output, or countup/countdown switch signal
input
Counter value can be read out.
q While counting is stopped
When a value is written to the timer Aj register, it is written to both
of the reload register and counter.
q While counting is in progress
When a value is written to the timer Aj register, it is written only to
the reload register. (Transferred to the counter at the next reload
time.)
Item
Count source
Count operation
Division ratio
Count start condition
Count stop condition
Interrupt request occurrence timing
TAjIN pin’s function
TAjOUT pin’s function
Read from timer Aj register
Write to timer Aj register
1
(n + 1)
1
(FFFF16 – n + 1)
n : Timer Aj register’s set value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com