Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 149Page - Renesas Technology Corp 7721 Datasheet HTML 150Page - Renesas Technology Corp 7721 Datasheet HTML 151Page - Renesas Technology Corp 7721 Datasheet HTML 152Page - Renesas Technology Corp 7721 Datasheet HTML 153Page - Renesas Technology Corp 7721 Datasheet HTML 154Page - Renesas Technology Corp 7721 Datasheet HTML 155Page - Renesas Technology Corp 7721 Datasheet HTML 156Page - Renesas Technology Corp 7721 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–34
8.5 One-shot pulse mode
8.5.3 Trigger
The counter is enabled for counting when the count start bit (address 4016) is set to “1.” The counter starts
counting when a trigger is generated after counting has been enabled. An internal or external trigger can
be selected as that trigger.
An internal trigger is selected when the trigger select bits (bits 4 and 3 at addresses 5816 to 5A16) are “002”
or “012”; an external trigger is selected when the bits are “102” or “112.”
If a trigger is generated during counting, the reload register’s contents are reloaded and the counter
continues counting. If generating a trigger during counting, make sure that a certain time which is equivalent
to one cycle of the timer’s count source or more has passed between the previously generated trigger and
a new trigger.
(1)
When selecting internal trigger
A trigger is generated when writing “1” to the one-shot start bit (bits 2 to 4 at address 4216). Figure
8.5.4 shows the structure of the one-shot start register.
(2)
When selecting external trigger
A trigger is generated at the falling edge of the TAjIN pin’s input signal when bit 3 at addresses 5816
to 5A16 is “0,” or at its rising edge when bit 3 is “1.”
When using an external trigger, set the port P5 direction registers’ bits which correspond to the TAjIN
pins for the input mode.
Fig. 8.5.4 Structure of one-shot start register
.
Bit
7 to 5 Nothing is assigned.
Timer A4 one-shot start bit
Timer A3 one-shot start bit
Timer A2 one-shot start bit
Bit name
At reset
0
0
Undefined
0
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
One-shot start register (Address 4216)
1 : Start outputting one-shot pulse
(valid when internal trigger is
selected.)
The value is “0” at reading.
0
1
2
3
4
WO
WO
WO
WO
WO
–
00
Fix these bits to “0.” The value is “0” at reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com