Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 191Page - Renesas Technology Corp 7721 Datasheet HTML 192Page - Renesas Technology Corp 7721 Datasheet HTML 193Page - Renesas Technology Corp 7721 Datasheet HTML 194Page - Renesas Technology Corp 7721 Datasheet HTML 195Page - Renesas Technology Corp 7721 Datasheet HTML 196Page - Renesas Technology Corp 7721 Datasheet HTML 197Page - Renesas Technology Corp 7721 Datasheet HTML 198Page - Renesas Technology Corp 7721 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 577 page
background image
REAL-TIME OUTPUT
7721 Group User’s Manual
10–2
10.1 Overview
10.1 Overview
The real-time output has the function of changing the output level of several pins simultaneously at every
period of the timer. Figure 10.1.1 shows the block diagram of real-time output per bit. Real-time output has
two operating modes described below.
(1)
Pulse mode 0
The 8-bit pulse output pins serve for two independent 4-bit outputs. Figure 10.1.2 shows the configuration
of real-time output in the pulse mode 0.
(2)
Pulse mode 1
The 8-bit pulse output pins serve for a 2-bit and a 6-bit outputs. Figure 10.1.3 shows the configuration
of real-time output in the pulse mode 1.
Fig. 10.1.1 Block diagram of real-time output per bit
Pulse output data register j
Waveform output select bit j
Bit i of port P6 direction register
T
D
Q
Timer Aj
underflow signal
1
0
P6i/RTP0k, P6i/RTP1k
• i = 0–7
• j = 0, 1
• k = 0–3
Flip-flop
Port P6i latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com