Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 221Page - Renesas Technology Corp 7721 Datasheet HTML 222Page - Renesas Technology Corp 7721 Datasheet HTML 223Page - Renesas Technology Corp 7721 Datasheet HTML 224Page - Renesas Technology Corp 7721 Datasheet HTML 225Page - Renesas Technology Corp 7721 Datasheet HTML 226Page - Renesas Technology Corp 7721 Datasheet HTML 227Page - Renesas Technology Corp 7721 Datasheet HTML 228Page - Renesas Technology Corp 7721 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–22
11.3 Clock synchronous serial I/O mode
D0 D1 D2 D3
D4 D5 D6 D7 D0 D1 D2 D3 D4
D5
D6
D7
D0 D1 D2 D3 D4 D5 D6 D7
Tc
TCLK
CLKi
TENDi
TxDi
Transfer clock
Transmit enable bit
Transmit buffer
empty flag
Transmit register
empty flag
UARTi transmit
interrupt request bit
Data is set in UARTi transmit buffer register.
UARTi transmit register
UARTi transmit buffer register.
Stopped because transmit enable bit = “0.”
TENDi: Next transmit conditions are examined when this signal level is “H.”
ENDi
is an internal signal. Accordingly, it cannot be read from the external.)
Tc = TCLK = 2(n+1) /fi
2
, f16, f64, f512)
Cleared to “0” when interrupt request is accepted or cleared by software.
The above timing diagram applies
when the following conditions are
satisfied:
q Internal clock selected
q CTS function not selected
D0 D1
D2 D3 D4 D5
D6 D7
D0 D1
D2 D3 D4 D5
D6 D7
D0 D1 D2 D3
D4 D5 D6
D7
Tc
CTSi
CLKi
TENDi
TxDi
Transfer clock
Transmit enable bit
Transmit buffer
empty flag
Transmit register
empty flag
UARTi transmit
interrupt request bit
TCLK
Data is set in UARTi transmit buffer register.
UARTi transmit register
UARTi transmit buffer register.
Stopped because CTSi = “H.”
Stopped because transmit enable bit = “0.”
TENDi: Next transmit conditions are examined when this signal level is “H.”
ENDi
is an internal signal. Accordingly, it cannot be read from the external.)
Tc = TCLK = 2(n+1) /fi
2
, f16, f64, f512)
Cleared to “0” when interrupt request is accepted or cleared by software.
The above timing diagram applies when
the following conditions are satisfied:
q Internal clock selected
q CTS function selected
____
Fig. 11.3.5 Example of transmit timing (when selecting internal clock, selecting CTS function)
____
Fig. 11.3.6 Example of transmit timing (when selecting internal clock, not selecting CTS function)
(T
fi: BRGi count source frequency (f
n: Value set in BRGi
(T
fi: BRGi count source frequency (f
n: Value set in BRGi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com