Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 304Page - Renesas Technology Corp 7721 Datasheet HTML 305Page - Renesas Technology Corp 7721 Datasheet HTML 306Page - Renesas Technology Corp 7721 Datasheet HTML 307Page - Renesas Technology Corp 7721 Datasheet HTML 308Page - Renesas Technology Corp 7721 Datasheet HTML 309Page - Renesas Technology Corp 7721 Datasheet HTML 310Page - Renesas Technology Corp 7721 Datasheet HTML 311Page - Renesas Technology Corp 7721 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 577 page
background image
7721 Group User’s Manual
13-29
DMA CONTROLLER
13.3 Control
Fig.13.3.4 States of SARi, DARi, TCRi after forced termination
Previously written values
Latch
Register
Transfer source/destination address is specified.
Contents are updated by incrementer/decrementer and
decrementer.
a. State at forced termination
b. When setting DMAi enable bit to “1” without rewriting values at addresses of SARi, DARi, and TCRi
A value read from each latch is used by hardware only at the first 1-unit transfer.
The contents updated by the incrementer/decrementer and the decrementer are loaded in each register.
Values are used by reading them from registers at the second and the following 1-unit transfers.
Latch
Register
Previously written values
Updated contents are written.
c. When reading values at addresses of SARi, DARi, and TCRi after forced termination and rewriting them
Latch
Register
Previously written values
Written by software
Read by software
Addresses which were to be
transferred subsequently or the
number of remaining bytes
Addresses which were to be
transferred subsequently or the
number of remaining bytes
Addresses which were to be
transferred subsequently or the
number of remaining bytes
Addresses which were to be
transferred subsequently or the
number of remaining bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com