Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 546 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 546 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 542Page - Renesas Technology Corp 7733 Datasheet HTML 543Page - Renesas Technology Corp 7733 Datasheet HTML 544Page - Renesas Technology Corp 7733 Datasheet HTML 545Page - Renesas Technology Corp 7733 Datasheet HTML 546Page - Renesas Technology Corp 7733 Datasheet HTML 547Page - Renesas Technology Corp 7733 Datasheet HTML 548Page - Renesas Technology Corp 7733 Datasheet HTML 549Page - Renesas Technology Corp 7733 Datasheet HTML 550Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 546 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–30
20.10 Low voltage version
20.10 Low voltage version
Differences from the M37733S4BFP are mainly described below.
20.10.1 Performance overview
The performance overview of the low voltage version differs from that of the mask ROM version in the
following: memory size and current consumption. For the other items, refer to section “18.1 Performance
overview.”
Table 20.10.1 shows the performance overview of the M37733S4LHP.
Items
Memory size
Current consumption
Performance
2048 bytes
10.8 mW (When f(XIN) = 12-MHz external square wave input, Vcc
= 3 V, and the main clock is the system clock, Typ.)
120
µW (When f(XCIN) = 32 kHz, Vcc = 3 V, the sub clock is the
system clock, and the main clock is stopped, Typ.)
Table 20.10.1 M37733S4LHP’s performance overview
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com