Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 544 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 544 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 540Page - Renesas Technology Corp 7733 Datasheet HTML 541Page - Renesas Technology Corp 7733 Datasheet HTML 542Page - Renesas Technology Corp 7733 Datasheet HTML 543Page - Renesas Technology Corp 7733 Datasheet HTML 544Page - Renesas Technology Corp 7733 Datasheet HTML 545Page - Renesas Technology Corp 7733 Datasheet HTML 546Page - Renesas Technology Corp 7733 Datasheet HTML 547Page - Renesas Technology Corp 7733 Datasheet HTML 548Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 544 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–28
20.8 Reset
Fig. 20.8.2 State of SFR area and internal RAM area immediately after reset (4)
7A16
7B16
7C16
7D16
7E16
0
RO
UART1 receive interrupt control register
6016
6116
6216
6316
6416
6516
6616
6716
6816
6916
7016
7116
7216
7316
7416
7516
7616
7716
7816
7916
7F16
6B16
6C16
6D16
6E16
6F16
6A16
Address
Oscillation circuit control register 0
Serial transmit control register
A-D / UART 2 trans./rece. interrupt control register
UART0 transmission interrupt control register
UART1 transmission interrupt control register
INT2/Key input interrupt control register
Watchdog timer frequency selection flag
Register name
Watchdog timer register
Timer A0 interrupt control register
Timer A2 interrupt control register
Timer A3 interrupt control register
Timer A4 interrupt control register
Timer B1 interrupt control register
Timer B2 interrupt control register
INT0 interrupt control register
Access characteristics
RW(g2)
RW
RW
RW
RW
b7
b0
WO
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
State immediately after reset
?
?
?
?
?
0
00
0
?
0
? (g1)
b7
b0
?
0
0
0
0
0
00
0
00
00
00
0
00
0
Port function control register
UART0 receive interrupt control register
Timer A1 interrupt control register
Timer B0 interrupt control register
INT1 interrupt control register
RW
RW
WO
RW
RW
RW
00
0
0
0
1
00
0
0
00
0
0
00
0
0
00
0
0
00
0
0
00
0
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
00
0
0
0
0
0
0
00
0
0
00
0
0
00
0
?
?
?
00
0
00
0
00
0
00
0
A value of “FFF16” is set to the watchdog timer. (Refer to Chapter “10. WATCHDOG TIMER.”)
For access characteristics at address 6C 16, also refer to Figure 14.3.2.
The contents of addresses 6216 and 6316 of the M37733S4BFP differ from those of the
M37733MHBXXXFP.
Do not wirte to address 6316.
sInternal RAM area (M37733S4BFP: addresses 80 16 to FFF16)
qAt hardware reset
(not including the case where the stop or wait mode is terminated)...Undefined.
qAt software reset...Retains the state immediately before reset .
qWhen the stop or wait mode is terminated
(when hardware reset is used)...Retains the state immediately before the STP or WIT
instruction is executed.
?
RW
g
3
00
0
g1
g2
g3
g4
Waveform output mode register g3
(Reserved area) g4
UART 2 transmit/receive mode register
UART 2 baud rate register (BRG2)
UART 2 transmission buffer register
UART 2 transmit/receive control register 0
UART 2 transmit/receive control register 1
UART 2 receive buffer register
Oscillation circuit control register 1
00
RW
?
00
0
00
0
0
WO
WO
WO
RW
RO
1
00
0
RW
RW
RO
RO
00
0
0
00
1
0
RO
00
0
00
0
?
RW
?
?
0
00
0
0
00
0
?
0
RW
RW
RW
0
?
0
00
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com