Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 541 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 541 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 537Page - Renesas Technology Corp 7733 Datasheet HTML 538Page - Renesas Technology Corp 7733 Datasheet HTML 539Page - Renesas Technology Corp 7733 Datasheet HTML 540Page - Renesas Technology Corp 7733 Datasheet HTML 541Page - Renesas Technology Corp 7733 Datasheet HTML 542Page - Renesas Technology Corp 7733 Datasheet HTML 543Page - Renesas Technology Corp 7733 Datasheet HTML 544Page - Renesas Technology Corp 7733 Datasheet HTML 545Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–25
20.7 Timer A
q Output level reverse function (only for RTP0)
When the polarity selection bit (bit 3 at address 6216) is set to “1,” the output level can be reversed.
In this case, when the RTP00 to RTP03 output data bits (bits 0 to 3 at address 1D16) are set to
“0,” pins RTP00 to RTP03 output “H” level; when these bits are set to “1,” these pins output “L”
level.
When the output level reverse function and “modulated” are selected, the pulse width modulation
is performed while pins RTP00 to RTP03 output “L” level. Figure 20.7.12 shows an operation
example when the output level is reversed with “modulated” selected.
Fig. 20.7.12 Operation example when RTP0 output level reverse function and “modulated” are selected
[Precautions for pulse output port mode (pulse output function)]
1. In order to make ports P50 (RTP00), P52 (RTP02), P54 (RTP10), and P56 (RTP12) function as the pulse
output pins, fix bit 2 of the timer A0 to A3 mode registers to “1.”
q When using RTP0: Fix bit 2 of the timer A0 and A1 mode registers to “1.”
q When using RTP1: Fix bit 2 of the timer A2 and A3 mode registers to “1.”
2. When the pulse width modulation function is not used, timers A1 and A3 can be used as timers which
do not have I/O pins. In this case, fix bit 2 of the timer A1 and A3 mode registers to “1.” In addition, fix
bits 0, 1, 4, and 5 of these registers to “0.”
n
000016
3 (00112)
6(0110 2 )
C (11002)
9 (10012)
FFFF16
n, m : Reloaded value
m
Pulse output is started.
RTP03 output
RTP02 output
RTP01 output
RTP00 output
Timer A1 interrupt
request bit
Count start flag
Counting is started.
Contents of pulse
output data register 0
Timer A0 interrupt
request bit
Cleared to “0” when an interrupt request is accepted;
otherwise, cleared by software.
Cleared to “0” when an interrupt request is accepted;
otherwise, cleared by software.
Note: The output level of the pulse output port is undefined from when the pulse output port mode is set until
the first timer underflow occurs. Also, this output level is at a floating state after reset because the
t
pulse output port becomes the input port at that time.
In the above example, in order to shorten this undefined period, the following procedure is performed:
g
• A small value (n) is set to the timer counter as the initial value.
• After the first underflow occurs, the normal value (m) is set to the timer counter.
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com