Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 539 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 539 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 535Page - Renesas Technology Corp 7733 Datasheet HTML 536Page - Renesas Technology Corp 7733 Datasheet HTML 537Page - Renesas Technology Corp 7733 Datasheet HTML 538Page - Renesas Technology Corp 7733 Datasheet HTML 539Page - Renesas Technology Corp 7733 Datasheet HTML 540Page - Renesas Technology Corp 7733 Datasheet HTML 541Page - Renesas Technology Corp 7733 Datasheet HTML 542Page - Renesas Technology Corp 7733 Datasheet HTML 543Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–23
20.7 Timer A
(4) Operation in pulse output port mode
The RTP0 operation when the pulse width is not modulated and the output level reverse function is
not used is described below.
Note: Description in ( ) is applied to the RTP1 operation.
Œ When the count start flag of timer A0 (A2) is set to “1,” the counter starts counting of the count
source.
 When an underflow occurs, data is output from each bit of RTP0 (RTP1) according to the setting
of each bit of the pulse output data register 0 (1). This data is retained until the next underflow
occurs. Timer A0 (A2) reloads the contents of the reload register and continues counting.
Ž When the underflow occurs in , the timer A0 (A2) interrupt request bit is set to “1.” Then, the
interrupt request bit remains set to “1” until the interrupt request is accepted or the interrupt request
bit is cleared to “0” by software.
Figure 20.7.10 shows an operation example of the pulse output port mode.
Fig. 20.7.10 Operation example of pulse output port mode
n
Pulse output is started.
000016
FFFF16
Timer A0 interrupt request bit
Count start flag
Undefined
3
C
n, m : Reloaded value
Counting is started.
m
Contents of
pulse output data register 0
3 (00112)
6 (01102)
C (11002)
9 (10012)
Contents of RTP0 output
Cleared to “0” when an interrupt request is
accepted; otherwise, cleared by software.
Cleared to “0” when an interrupt request is
accepted; otherwise, cleared by software.
Note: The output level of the pulse output port is undefined from when the pulse output port mode is set until
the first timer underflow occurs. Also, this output level is at a floating state after reset because the
e
pulse output port becomes the input port at that time.
In the above example, in order to shorten this undefined period, the following procedure is performed:
p
• A small value (n) is set to the timer counter as the initial value.
• After the first underflow occurs, the normal value (m) is set to the timer counter.
t
RTP03 output
RTP02 output
RTP01 output
RTP00 output
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com