Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 535 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 535 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 531Page - Renesas Technology Corp 7733 Datasheet HTML 532Page - Renesas Technology Corp 7733 Datasheet HTML 533Page - Renesas Technology Corp 7733 Datasheet HTML 534Page - Renesas Technology Corp 7733 Datasheet HTML 535Page - Renesas Technology Corp 7733 Datasheet HTML 536Page - Renesas Technology Corp 7733 Datasheet HTML 537Page - Renesas Technology Corp 7733 Datasheet HTML 538Page - Renesas Technology Corp 7733 Datasheet HTML 539Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–19
20.7 Timer A
Fig. 20.7.6 Structures of pulse output data registers 0, 1
b7
b6
b5
b4
b3
b2
b1
b0
4 to 7
Not implemented.
At reset
Undefined
Undefined
Undefined
Undefined
Undefined
RW
1
RTP11 output data bit
0
RTP10 output data bit
Bit name
Functions
3
RTP13 output data bit
Bit
2
RTP12 output data bit
WO
WO
WO
WO
–
Pulse output data register 1 (address 1C 16)
0: “L” level is output.
1: “H” level is output.
Note: Use the LDM and STA instructions to set bits 0 to 3.
b7
b6
b5
b4
b3
b2
b1
b0
4 to 7
Not implemented.
At reset
Undefined
Undefined
Undefined
Undefined
Undefined
RW
1
RTP01 output data bit
0
RTP00 output data bit
Bit name
Functions
3
RTP03 output data bit
Bit
2
RTP02 output data bit
WO
WO
WO
WO
–
Pulse output data register 1 (address 1D 16)
When the positive polarity is selected,
0: “L” level is output.
1: “H” level is output.
When the negative polarity is selected,
0: “H” level is output.
1: “L” level is output.
Note: Use the LDM and STA instructions to set bits 0 to 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com