Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 531 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 531 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 527Page - Renesas Technology Corp 7733 Datasheet HTML 528Page - Renesas Technology Corp 7733 Datasheet HTML 529Page - Renesas Technology Corp 7733 Datasheet HTML 530Page - Renesas Technology Corp 7733 Datasheet HTML 531Page - Renesas Technology Corp 7733 Datasheet HTML 532Page - Renesas Technology Corp 7733 Datasheet HTML 533Page - Renesas Technology Corp 7733 Datasheet HTML 534Page - Renesas Technology Corp 7733 Datasheet HTML 535Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 531 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–15
20.7 Timer A
Fig. 20.7.2 Port P5 output control circuit
q P50/TA0OUT/RTP00, P52/TA1OUT/RTP02, P54/TA2OUT/RTP10, P56/TA3OUT/RTP12
Direction register
Port latch
Pulse output
Timer A output
Bit 2 of the timer Ai mode register
(addresses 56 16 to 5916) (Note 2)
(Whether to output a pulse or not is selected.)
Bits 0 and 1 of the waveform output mode register
(address 6216) (Note 1)
(RTP1, RTP0 selected)
Input
q P51/TA0IN/RTP01, P53/TA1IN/RTP03, P55/TA2IN/RTP11, P57/TA3IN/RTP13
Bits 0 and 1 of the waveform output mode register
(Note 1)
(RTP1, RTP0 selected)
Input
Direction register
Port latch
Pulse output
Notes 1: Ports P50 to P53 correspond to bit 1.
Ports P5 4 to P57 correspond to bit 0.
2: Bit 2 of the timer Ai mode register which corresponds to each port
“1”
“1”
“0”
“0”
“1”
“1”
“0”
“0”
“1”
“0”
“1”
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com