Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 534 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 534 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 530Page - Renesas Technology Corp 7733 Datasheet HTML 531Page - Renesas Technology Corp 7733 Datasheet HTML 532Page - Renesas Technology Corp 7733 Datasheet HTML 533Page - Renesas Technology Corp 7733 Datasheet HTML 534Page - Renesas Technology Corp 7733 Datasheet HTML 535Page - Renesas Technology Corp 7733 Datasheet HTML 536Page - Renesas Technology Corp 7733 Datasheet HTML 537Page - Renesas Technology Corp 7733 Datasheet HTML 538Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 534 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–18
20.7 Timer A
b7
b6
b5
b4
b3
b2
b1
b0
7
Must be fixed to “0.”
6
Not implemented.
This bit is “0” at reading.
At reset
0
0
0
Undefined
0
0
Undefined
0
RW
3
Polarity selection bit
2
Not implemented.
This bit is “0” at reading.
1
0
Waveform output selection
bits
Bit name
Functions
0 0: Port P5 is a programmable I/O port.
0 1: RTP1 is selected.
1 0: RTP0 is selected.
1 1: RTP1 and RTP0 are selected.
b1 b0
5
Pulse width modulation
selection bit by timer A3
0: Positive polarity
1: Negative polarity
Bit
0: Not modulated
1: Modulated
4
Pulse width modulation
selection bit by timer A1
RW
RW
–
RW
RW
RW
–
RW
Waveform output mode register (address 62 16)
0
(Valid only for RTP0)
0: Not modulated
1: Modulated
Fig. 20.7.5 Structures of waveform output mode register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com