Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 538 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 538 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 534Page - Renesas Technology Corp 7733 Datasheet HTML 535Page - Renesas Technology Corp 7733 Datasheet HTML 536Page - Renesas Technology Corp 7733 Datasheet HTML 537Page - Renesas Technology Corp 7733 Datasheet HTML 538Page - Renesas Technology Corp 7733 Datasheet HTML 539Page - Renesas Technology Corp 7733 Datasheet HTML 540Page - Renesas Technology Corp 7733 Datasheet HTML 541Page - Renesas Technology Corp 7733 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–22
20.7 Timer A
Fig. 20.7.9 Initial setting example for registers related to pulse output port mode (3)
Counting is started.
Setting of the count start flag to “1”
b7
b0
Count start flag (address 40 16)
Timer A0 count start flag
Timer A1 count start flag ( Note)
Timer A2 count start flag
Timer A3 count start flag ( Note)
Setting of the waveform output mode register
b7
b0
Waveform output mode register
(address 6216)
Continued from
"Initial setting example for registers related to
pulse output port mode (2)"
on the preceding page
0
Setting of the interrupt priority level
b7
b0
Timer A0 interrupt control register (address 75 16)
Timer A1 interrupt control register (address 76 16) (Note)
Timer A2 interrupt control register (address 77 16)
Timer A3 interrupt control register (address 78 16) (Note)
Interrupt priority level selection bits
When using interrupts, one of levels 1-7 must be set.
When disabling interrupts, level 0 must be set.
Note: This is used when the pulse width is modulated.
0
Waveform output selection bits
0 0: Port P5 is a programmable I/O port.
0 1: RTP1 is selected.
1 0: RTP0 is selected.
1 1: RTP0 and RTP1 are selected.
b1 b0
Polarity selection bit (Affective only for RTP0)
0: Positive polarity
1: Negative polarity
Pulse width modulation selection bit by timer A1
0: Not modulated
1: Modulated
Pulse width modulation selection bit by timer A3
0: Not modulated
1: Modulated
Note: This is used when the pulse width
is modulated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com