Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 540 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 540 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 536Page - Renesas Technology Corp 7733 Datasheet HTML 537Page - Renesas Technology Corp 7733 Datasheet HTML 538Page - Renesas Technology Corp 7733 Datasheet HTML 539Page - Renesas Technology Corp 7733 Datasheet HTML 540Page - Renesas Technology Corp 7733 Datasheet HTML 541Page - Renesas Technology Corp 7733 Datasheet HTML 542Page - Renesas Technology Corp 7733 Datasheet HTML 543Page - Renesas Technology Corp 7733 Datasheet HTML 544Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–24
20.7 Timer A
(5) Selectable functions
The pulse width modulation function and the RTP0 output level reverse function are described below.
q Pulse width modulation function
The RTP0 operation when the positive polarity is selected is described below.
Note: Description in ( ) is applied to the RTP1 operation.
When “the pulse width modulation selection bit by timer A1(A3)” [bit 4(5)) at address 6216] is set
to “1,” “modulated” (Refer to Figure 20.7.5.) is selected. The pulse width modulation is performed
while pins RTP00 to RTP03 (RTP10 to RTP13) output “H” level. (Refer to section “6.6 Pulse width
modulation (PWM) mode” and Figure 20.7.4.) Figure 20.7.11 shows an operation example when
“modulated” is selected.
Fig. 20.7.11 Operation example when “modulated” is selected
n
000016
3 (00112)
6 (01102)
C (11002)
9 (10012)
FFFF16
Timer A0 interrupt request bit
n, m : Reloaded value
m
RTP03 output
RTP02 output
RTP01 output
RTP00 output
Timer A1 interrupt request bit
Count start flag
Counting is started.
Contents of
pulse output data register 0
Cleared to “0” when an interrupt request is accepted;
otherwise, cleared by software.
Cleared to “0” when an interrupt request is accepted;
otherwise, cleared by software.
Pulse output is started.
Note: The output level of the pulse output port is undefined from when the pulse output port mode is set until
the first timer underflow occurs. Also, this output level is at a floating state after reset because the
pulse output port becomes the input port at that time.
In the above example, in order to shorten this undefined period, the following procedure is performed:
• A small value (n) is set to the timer counter as the initial value.
• After the first underflow occurs, the normal value (m) is set to the timer counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com