Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 537 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 537 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 533Page - Renesas Technology Corp 7733 Datasheet HTML 534Page - Renesas Technology Corp 7733 Datasheet HTML 535Page - Renesas Technology Corp 7733 Datasheet HTML 536Page - Renesas Technology Corp 7733 Datasheet HTML 537Page - Renesas Technology Corp 7733 Datasheet HTML 538Page - Renesas Technology Corp 7733 Datasheet HTML 539Page - Renesas Technology Corp 7733 Datasheet HTML 540Page - Renesas Technology Corp 7733 Datasheet HTML 541Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–21
20.7 Timer A
Fig. 20.7.8 Initial setting example for registers related to pulse output port mode (2)
Continued from
"Initial setting example for registers related to
pulse output port mode (1)"
on the preceding page
b7
b0
Timer A1 mode register
(address 5716)
Timer A3 mode register
(address 5916)
Setting of the timer A1 mode register or timer A3 mode register
Setting of the PWM pulse’s period and “H” level width
b7
b0
Values 000016 to FFFE16 (n) can be set.
(b15)
(b8)
b7
b0
Timer A1 register (addresses 49 16, 4816)
Timer A3 register (addresses 4D 16, 4C16)
sWhen operating as a 16-bit pulse width modulator
b7
b0
Values 0016 to FF16 (m) can be set.
(b15)
(b8)
b7
b0
When operating as an 8-bit pulse width modulator
Values 0016 to FE16 (n) can be set.
g When operating as an 8-bit pulse width modulator
Period = (m+1) (28 – 1)/fi
“H” level width = n(m + 1)/fi
fi: Frequency of the count source
However, if n = 0016, the counter does not operate
and pin TAiOUT outputs “L” level. At this time, no
timer Ai request is generated.
Timer A1 register (addresses 49 16, 4816)
Timer A3 register (addresses 4D 16, 4C16)
b7
b0
11
0
Setting of timers A1 and A3
Timer A1 mode register (address 57 16)
Timer A3 mode register (address 59 16)
1
b4 b3
Trigger selection bits
0 X: Count start flag
b7 b6
Count source selection bits
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
X: It may be “0” or “1.”
!
16/8-bit PWM mode selection bit
0: The counter operates as a 16-bit pulse width modulator.
1: The counter operates as an 8-bit pulse width modulator.
1
Continued to
“Initial setting example for registers related to pulse output port mode (3)”
on the next page
When not modulating
the pulse width
When modulating the pulse width
g When operating as a 16-bit pulse width modulator
Period = (216 – 1)/fi
“H” level width = n/fi
fi: Frequency of the count source
However, if n = 000016, the counter does not operate
and pin TAiOUT outputs “L” level. At this time, no timer
Ai request is generated.
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com