Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 533 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 533 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 529Page - Renesas Technology Corp 7733 Datasheet HTML 530Page - Renesas Technology Corp 7733 Datasheet HTML 531Page - Renesas Technology Corp 7733 Datasheet HTML 532Page - Renesas Technology Corp 7733 Datasheet HTML 533Page - Renesas Technology Corp 7733 Datasheet HTML 534Page - Renesas Technology Corp 7733 Datasheet HTML 535Page - Renesas Technology Corp 7733 Datasheet HTML 536Page - Renesas Technology Corp 7733 Datasheet HTML 537Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–17
20.7 Timer A
Fig. 20.7.4 Structures of timer A1, A3 mode registers and timer A1, A3 registers in pulse output port
mode (when pulse width modulation function is used)
b7
b6
b5
b4
b3
b2
b1
b0
7
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
6
Count source selection bits
b7 b6
11
1
Note: Fix bit 2 to “1” and bit 4 to “0” even when not using the pulse width modulation function.
X: It may be “0” or “1.”
At reset
0
0
0
0
0
0
0
0
RW
3
Trigger selection bits
2
Must be fixed to “1” in the PWM mode. ( Note)
1
0
Operating mode selection
bits
Bit name
Functions
1 1: PWM mode
b1 b0
b4 b3
5
16/8-bit PWM mode
selection bit
Writing “1” to the count start flag
(Pin TAiIN functions as a programmable
I/O port.)
Bit
0: The counter operates as a 16-bit pulse
width modulator.
1: The counter operates as an 8-bit pulse
width modulator.
4
s When operating as an 8-bit pulse width modulator
(b15)
b7
b0
b7
b0
(b8)
Timer A1 register (addresses 49 16, 4816)
Timer A3 register (addresses 4D 16, 4C16)
Functions
Bit
At reset
RW
7 to 0
Values 0016 to FF16 can be set.
Assuming that the set value = m, period of
the PWM pulse which is output from pin
TA1OUT or TA3OUT is (m + 1)(28 – 1)/fi.
fi: Frequency of the count source (f 2, f16, f64, or f512)
15 to 8 Values 0016 to FE16 can be set.
Assuming that the set value = n, “H” level
width of the PWM pulse which is output from
pin TA1 OUT or TA3OUT is n(m +1)/fi.
Undefined
Undefined
b7
b0
b7
b0
Timer A1 register (addresses 49 16, 4816)
Timer A3 register (addresses 4D 16, 4C16)
Functions
Bit
At reset
RW
15 to 0 Values 000016 to FFFE16 can be set.
Assuming that the set value = n, “H” level
width of the PWM pulse which is output from
pin TA1OUT or TA3OUT is n/fi.
Undefined
fi: Frequency of the count source (f 2, f16, f64, or f512)
s When operating as a 16-bit pulse width modulator
(b15)
(b8)
RW
RW
RW
RW
RW
RW
RW
RW
WO
WO
WO
Timer A1 mode register (address 57 16)
Timer A3 mode register (address 59 16)
0 !
(Note)
0 0:
0 1:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com