Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 532 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 532 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 528Page - Renesas Technology Corp 7733 Datasheet HTML 529Page - Renesas Technology Corp 7733 Datasheet HTML 530Page - Renesas Technology Corp 7733 Datasheet HTML 531Page - Renesas Technology Corp 7733 Datasheet HTML 532Page - Renesas Technology Corp 7733 Datasheet HTML 533Page - Renesas Technology Corp 7733 Datasheet HTML 534Page - Renesas Technology Corp 7733 Datasheet HTML 535Page - Renesas Technology Corp 7733 Datasheet HTML 536Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 532 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–16
20.7 Timer A
Fig. 20.7.3 Structures of timer A0, A2 mode registers and timer A0, A2 registers in pulse output port
mode
X: It may be either “0” or “1.”
3
Gate function selection bits
2
Pulse output function
selection bit
1
0
Operating mode selection
bits
Bit name
Functions
b7 b6
b5 b4 b3
b2 b1 b0
Timer A0 mode register (address 56 16)
0 0: Timer mode
1: Pulse is output.
Must be fixed to “1.”
7
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
b7 b6
6
Count source selection bits
b1 b0
b4 b3
5
Must be fixed to “0” in the timer mode.
00
0
0 0:
0 1:
Bit
4
At reset
0
0
0
0
0
0
0
0
RW
b7
b0
b7
b0
(b15)
(b8)
Timer A0 register (addresses 47 16, 4616)
Timer A2 register (addresses 4B 16, 4A16)
Functions
Bit
At reset
RW
15 to 0 Values 000016 to FFFF16 can be set.
Assuming that the set value = n, counter
divides the count source frequency by (n + 1).
At reading this register, the counter value is
read out.
Undefined
RW
RW
RW
RW
RW
RW
RW
RW
RW
Timer A2 mode register (address 58 16)
No gate function
Bit 4 must be fixed to “0.”
1
0 !



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com