Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 536 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 536 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 532Page - Renesas Technology Corp 7733 Datasheet HTML 533Page - Renesas Technology Corp 7733 Datasheet HTML 534Page - Renesas Technology Corp 7733 Datasheet HTML 535Page - Renesas Technology Corp 7733 Datasheet HTML 536Page - Renesas Technology Corp 7733 Datasheet HTML 537Page - Renesas Technology Corp 7733 Datasheet HTML 538Page - Renesas Technology Corp 7733 Datasheet HTML 539Page - Renesas Technology Corp 7733 Datasheet HTML 540Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 536 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–20
20.7 Timer A
(3) Initial setting example for registers related to pulse output port mode
Figures 20.7.7 to 20.7.9 show an initial setting example for registers related to the pulse output port
mode.
Fig. 20.7.7 Initial setting example for registers related to pulse output port mode (1)
b7
b0
Setting of the pulse output data register 0 and pulse output data register 1
Pulse output data register 0 (address 1D 16)
Continued to
“Initial setting example for registers related to pulse output port mode (2)”
on the next page
RTP00
RTP01
RTP02
RTP03
Setting of the division ratio for timer A0 or timer A2
b7
b0
Values 000016 to FFFF16 (n) can be set.
(b15)
(b8)
b7
b0
Timer A0 register (addresses 47 16, 4616)
Timer A2 register (addresses 4B 16, 4A16)
g Counter divides the count source by (n + 1).
b7
b0
Count source selection bits
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
00
Setting of the timer A0 mode register or timer A2 mode register
Timer A0 mode register (address 56 16)
Timer A2 mode register (address 5A 16)
b7 b6
1
X: It may be “0” or “1.”
Output data is set to the corresponding bit.
b7
b0
Pulse output data register 1 (address 1C 16)
RTP10
RTP11
RTP12
RTP13
Output data is set to the corresponding bit.
0 !
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com