Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 529 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 529 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 525Page - Renesas Technology Corp 7733 Datasheet HTML 526Page - Renesas Technology Corp 7733 Datasheet HTML 527Page - Renesas Technology Corp 7733 Datasheet HTML 528Page - Renesas Technology Corp 7733 Datasheet HTML 529Page - Renesas Technology Corp 7733 Datasheet HTML 530Page - Renesas Technology Corp 7733 Datasheet HTML 531Page - Renesas Technology Corp 7733 Datasheet HTML 532Page - Renesas Technology Corp 7733 Datasheet HTML 533Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 529 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–13
20.7 Timer A
20.7.2 Pulse output port mode
(1) Overview
In the pulse output mode, there are two types of pulse output port: RTP0 controlled by timer A0 and
RTP1 controlled by timer A2.
When an underflow occurs in timer A0 or A2, the contents of the pulse output data register 0 or 1 is
output from the corresponding pulse output pins.
Also, the pulse width can be modulated by timer A as follows: use timer A1 for RTP0 and use timer
A3 for RTP1. In addition, RTP0 can reverse the polarity of the contents of the pulse output data
register 0 by software and outputs it.
Table 20.7.1 lists the specifications of the pulse output mode.
Table 20.7.1 Specifications of pulse output port mode
Pulse output port
Control timer
Pulse output pins
Register where pulse data is set
Pulse width modulation
Output level reverse function
RTP0
Timer A0
RTP00–RTP03
(Ports P50–P53)
Pulse output data register 0
Possible (Timer A1 is used)
Available
RTP1
Timer A2
RTP10–RTP13
(Ports P54–P57)
Pulse output data register 1
Possible (Timer A3 is used)
Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com