Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 527 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 527 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 523Page - Renesas Technology Corp 7733 Datasheet HTML 524Page - Renesas Technology Corp 7733 Datasheet HTML 525Page - Renesas Technology Corp 7733 Datasheet HTML 526Page - Renesas Technology Corp 7733 Datasheet HTML 527Page - Renesas Technology Corp 7733 Datasheet HTML 528Page - Renesas Technology Corp 7733 Datasheet HTML 529Page - Renesas Technology Corp 7733 Datasheet HTML 530Page - Renesas Technology Corp 7733 Datasheet HTML 531Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–11
Fig. 20.6.1 Structure of processor mode register 0
Bit
Bit name
Functions
At reset
RW
0
1
2
3
4
5
6
7
Processor mode bits ( Note)
Wait bit
Software reset bit
Interrupt priority detection
time selection bits
Must be fixed to “0.”
This bit is ignored.
0
0
0
0
0
0
0 0: Do not select.
0 1: Do not select.
1 0: Microprocessor mode
1 1: Do not select.
Microcomputer is reset by
setting this bit to “1.”
This bit is “0” at reading.
0 0: 7 cycles of
0 1: 4 cycles of
1 0: 2 cycles of
1 1: Do not select.
0
0
b1 b0
b5 b4
Processor mode register 0 (address 5E 16)
represents that bits 2 to 7 are not used for setting the processor mode.
!: It may be “0” or “1.”
Note: Fix the processor mode bits to “10 2.”
b1
b0
b2
b3
b4
b5
b6
b7
0
RW
RW
RW
WO
RW
RW
RW
RW
!
0: Software wait is inserted when
accessing external area.
1: No software wait is inserted when
accessing external area.
20.6 Processor modes
The M37733S4BFP can operate only in the microprocessor mode. For the processor mode, refer to the
description of the microprocessor mode in section “2.5 Processor modes.”
Also, be sure to set as follows:
• Connect pin CNVss to Vcc.
• Fix the processor mode bits to “102.“
Figure 20.6.1 shows the structure of the processor mode register 0.
20.6 Processor modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com