Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 552 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 552 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 548Page - Renesas Technology Corp 7733 Datasheet HTML 549Page - Renesas Technology Corp 7733 Datasheet HTML 550Page - Renesas Technology Corp 7733 Datasheet HTML 551Page - Renesas Technology Corp 7733 Datasheet HTML 552Page - Renesas Technology Corp 7733 Datasheet HTML 553Page - Renesas Technology Corp 7733 Datasheet HTML 554Page - Renesas Technology Corp 7733 Datasheet HTML 555Page - Renesas Technology Corp 7733 Datasheet HTML 556Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-4
Appendix 1. Memory allocation of 7733 Group
Fig. 3 Memory allocation of M37733MHBXXXFP, M37733EHBXXXFP, M37733EHBFS, M37733MHLXXXHP,
M37733EHLXXXHP (3)
00FFFF16
01000016
02000016
UART1 transmission
01FFFF16
FF000016
00000016
00007F16
00008016
00087F16
FFFFFF16
00C00016
00000016
00007F16
00008016
000FFF16
00FFFF16
01000016
FFFFFF16
00000016
RESET
00007F16
00FFD616
00FFFE16
A-D/UART2 trans./rece.
00800016
SFR area
Internal RAM area
2048 bytes
Bank 016
Bank 116
Bank FF16
Internal ROM area
16 Kbytes
Bank 216
(28 Kbytes)
UART1 reception
UART0 reception
Timer B2
Timer B1
Timer B0
Timer A4
Timer A3
Timer A2
Timer A1
Timer A0
INT2/Key input
INT1
INT0
Watchdog timer
DBC
BRK instruction
Zero divide
Interrupt vector
table
SFR area
Internal RAM area
3968 bytes
Peripheral device
control registers
(SFR)
: Unused area in the single-chip mode
External memory area in the
memory expansion or
microprocessor mode
• Memory allocation selection bits (b2, b1, b0)=(1, 0, 1)
• ROM size: 16 Kbytes
• RAM size: 2048 bytes
• Memory allocation selection bits (b2, b1, b0)=(1, 1, 0)
• ROM size: 96 Kbytes
• RAM size: 3968 bytes
(45.9 Kbytes)
UART0 transmission
Refer to
Appendix 2.
02FFFF16
Notes 1: Access to internal ROM area is disabled in the microprocessor mode.
(Refer to section “2.5 Processor modes.”)
2: Banks 1016 to FF16 cannot be accessed in the 7735 Group and in external bus mode B of
the 7736 Group.
Internal ROM area
32 Kbytes
00100016
Internal ROM area
64 Kbytes
01FFFF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com