Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 554 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 554 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 550Page - Renesas Technology Corp 7733 Datasheet HTML 551Page - Renesas Technology Corp 7733 Datasheet HTML 552Page - Renesas Technology Corp 7733 Datasheet HTML 553Page - Renesas Technology Corp 7733 Datasheet HTML 554Page - Renesas Technology Corp 7733 Datasheet HTML 555Page - Renesas Technology Corp 7733 Datasheet HTML 556Page - Renesas Technology Corp 7733 Datasheet HTML 557Page - Renesas Technology Corp 7733 Datasheet HTML 558Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 554 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-6
Fig. 5 Memory allocation in SFR area (1)
Appendix 2. Memory allocation in SFR area
Figures 5 to 8 show the memory allocation in SFR area.
The signals used in Figures 5 to 8 are shown below.
: “0” immediately after reset.
: “1” immediately after reset.
: Undefined immediately after
reset.
0
1
?
: Always “0” at reading
0
0
: Always undefined at reading
: “0” immediately after reset.
Must be fixed to “0.”
: It is possible to read the bit state at reading. The written value becomes valid.
: It is possible to read the bit state at reading. The written value becomes invalid.
: The written value becomes valid. It is impossible to read the bit state.
: Not implemented. It is impossible to read the bit state. The written value becomes invalid.
RW
RO
WO
?
Abbreviations which represent access characteristics
1016
1116
1216
1316
Port P8 direction register
1416
1516
1616
1716
1816
1916
1A16
1B16
1C16
1D16
1E16
1F16
016
116
216
316
416
516
616
716
816
916
B16
C16
D16
E16
F16
A16
Address
Port P4 register
Port P5 register
Port P4 direction register
Port P5 direction register
Port P6 register
Port P7 register
Port P6 direction register
Port P7 direction register
Port P8 register
A-D control register 0
A-D control register 1
Port P0 register
Port P1 register
Port P2 register
Port P3 register
Port P0 direction register
Port P1 direction register
Port P2 direction register
Port P3 direction register
Register name
Access characteristics
State immediately after reset
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
0016
0016
?
?
0016
0016
0016
00
0
0
00
0
0
00
0
0
0016
0
0
00
0
?
0
0
11
b7
b0
b7
b0
sSFR area (addresses 016 to 7F16)
RW
?
?
?
?
?
0016
?
?
g Do not write to the reserved area. (For the M37733S4BFP, M37733S4LHP, M37735S4BFP, M37735S4LHP,
refer to Figure 20.8.1.)
RW
RW
??
0
?
??
?
?
0016
?
?
?
?
?
(Reserved area)g
(Reserved area)g
?
?
?
?
?
?
Appendix 2. Memory allocation in SFR area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com