Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 558 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 558 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 554Page - Renesas Technology Corp 7733 Datasheet HTML 555Page - Renesas Technology Corp 7733 Datasheet HTML 556Page - Renesas Technology Corp 7733 Datasheet HTML 557Page - Renesas Technology Corp 7733 Datasheet HTML 558Page - Renesas Technology Corp 7733 Datasheet HTML 559Page - Renesas Technology Corp 7733 Datasheet HTML 560Page - Renesas Technology Corp 7733 Datasheet HTML 561Page - Renesas Technology Corp 7733 Datasheet HTML 562Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 558 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-10
Appendix 3. Control registers
Appendix 3. Control registers
The control registers allocated in the SFR area are shown on the following pages.
Below is the structure diagram for all registers.
0
1
0
XXX register (address XX16)
b1
b0
b2
b3
b4
b5
b6
b7
0
V1
V2
V3
2
3
... select bit
0 : ...
1 : ...
... select bit
0 : ...
1 : ...
The value is “0” at reading.
0 : ...
1 : ...
Fix this bit to “0.”
4
7 to 5 Not implemented.
!
RW
WO
RO
RW
RW
|
0
0
0
Bit
Bit name
This bit is ignored in ... mode.
Functions
At reset
RW
... flag
Undefined
Undefined
V1
Blank : Set to “0” or “1” according to the usage.
0
: Set to “0” at writing.
1
: Set to “1” at writing.
!
: Ignored depending on the mode or state. It may be “0” or “1.”
: Not implemented.
V2
0
: “0” immediately after reset.
1
: “1” immediately after reset.
Undefined : Undefined immediately after reset.
V3
RW
: It is possible to read the bit state at reading. The written value becomes valid.
RO
: It is possible to read the bit state at reading. The written value becomes
invalid. Accordingly, the written value may be “0” or “1.”
WO
: The written value becomes valid. It is impossible to read the bit state. The
value is undefined at reading. However, when [“0” at reading] is indicated in
the “Function” or “Note” column, the bit is always “0” at reading.(See to V4
above.)
—
: It is impossible to read the bit state. The value is undefined at reading.
However, when [“0” at reading] is indicated in the “Function” or “Note” column,
the bit is always “0” at reading.(See to V4 above.)
The written value becomes invalid. Accordingly, the written value may be “0”
or “1.”
V4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com