Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 562 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 562 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 558Page - Renesas Technology Corp 7733 Datasheet HTML 559Page - Renesas Technology Corp 7733 Datasheet HTML 560Page - Renesas Technology Corp 7733 Datasheet HTML 561Page - Renesas Technology Corp 7733 Datasheet HTML 562Page - Renesas Technology Corp 7733 Datasheet HTML 563Page - Renesas Technology Corp 7733 Datasheet HTML 564Page - Renesas Technology Corp 7733 Datasheet HTML 565Page - Renesas Technology Corp 7733 Datasheet HTML 566Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 562 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-14
Appendix 3. Control registers
UART0, UART1 transmit/receive mode register
Bit
7
Sleep selection bit
(Valid in the UART mode.) (Note)
6
Parity enable bit
(Valid in the UART mode.) (Note)
5
Odd/Even parity selection bit
(Valid in the UART mode when
the parity enable bit = “1.”)
(Note)
4
Stop bit length selection bit
(Valid in the UART mode.)
(Note)
3
Internal/External clock selection
bit
2
1
0
Serial I/O mode selection bits
Bit name
At reset
0
0
0
0
0
0
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
0 0 0: Serial I/O is disabled.
(P8 functions as a
programmable I/O port.)
0 0 1: Clock synchronous serial I/O
mode
0 1 0: Do not select.
0 1 1: Do not select.
1 0 0: UART mode
(Transfer data length = 7 bits)
1 0 1: UART mode
(Transfer data length = 8 bits)
1 1 0: UART mode
(Transfer data length = 9 bits)
1 1 1: Do not select.
UART0 transmit/receive mode register (address 3016)
UART1 transmit/receive mode register (address 3816)
Note: Bits 4 to 6 are ignored in the clock synchronous serial I/O mode. (They may be “0” or “1.”)
Fix bit 7 to “0.”
b2 b1 b0
0: Odd parity
1: Even parity
0: Parity is disabled.
1: Parity is enabled.
0: The sleep mode is terminated. (Ignored.)
1: The sleep mode is selected.
0: Internal clock
1: External clock
0: One stop bit
1: Two stop bits
RW
RW
RW
RW
RW
RW
RW
RW
UARTi baud rate register (BRGi)
b7
b0
UART0 baud rate register (address 3116)
UART1 baud rate register (address 3916)
UART2 baud rate register (address 6516)
Functions
Bit
At reset
RW
7 to 0
Values 0016 to FF16 can be set.
Assuming that the set value = n, BRGi
divides the count source frequency by (n + 1).
Un-
defined
WO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com