Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 560 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 560 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 556Page - Renesas Technology Corp 7733 Datasheet HTML 557Page - Renesas Technology Corp 7733 Datasheet HTML 558Page - Renesas Technology Corp 7733 Datasheet HTML 559Page - Renesas Technology Corp 7733 Datasheet HTML 560Page - Renesas Technology Corp 7733 Datasheet HTML 561Page - Renesas Technology Corp 7733 Datasheet HTML 562Page - Renesas Technology Corp 7733 Datasheet HTML 563Page - Renesas Technology Corp 7733 Datasheet HTML 564Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 560 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-12
Appendix 3. Control registers
A-D control register 0
A-D control register 1
b7
b6
b5
b4
b3
b2
b1
b0
A-D control register 1 (address 1F16)
Bit
1
0
Bit name
At reset
1
RW
Functions
0 0: Pins AN0 and AN1 (2 pins)
0 1: Pins AN0 to AN3 (4 pins)
1 0: Pins AN0 to AN5 (6 pins) (Note 2)
1 1: Pins AN0 to AN7 (8 pins)
b1 b0
Not implemented.
Undefined
1
These bits are ignored in the one-shot and repeat modes. (They may be “0” or “1.”)
When an external trigger is selected, pin AN5 cannot be used as an analog input pin.
Writing to each bit of the A-D control register 1 must be performed while the A-D
converter stops operating.
When the VREF connection selection bit is cleared from “1” to “0,” wait for an interval of 1
µs or more passed, and then start A-D conversion.
2
3
8/10-bit mode selection bit
0: 8-bit resolution
1: 10-bit resolution
A-D sweep pin selection bits
(Valid in the single sweep and
repeat sweep modes.)
(Note 1)
0
4
Must be fixed to “0.”
5
VREF connection selection
bit
(Note 4)
0: Pin VREF is connected.
1: Pin VREF is disconnected.
(High impedance)
7
6
Not implemented.
0
0
Undefined
RW
RW
RW
RW
RW
–
0
Notes 1:
2:
3:
4:
b7
b6
b5
b4
b3
b2
b1
b0
A-D control register 0 (address 1E16)
Bit
A-D conversion frequency
(
f AD ) selection flag
A-D conversion start flag
Trigger selection bit
4
A-D operation mode selection bits
2
1
0
Bit name
At reset
0
0
0
0
0
Undefined
Undefined
Undefined
RW
Functions
0 0 0: AN0 is selected.
0 0 1: AN1 is selected.
0 1 0: AN2 is selected.
0 1 1: AN3 is selected.
1 0 0: AN4 is selected.
1 0 1: AN5 is selected. (Note 2)
1 1 0: AN6 is selected.
1 1 1: AN7 is selected.
f2V: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
b2 b1 b0
0: Internal trigger
1: External trigger
0: f2/4V
1: f2/2
00: One-shot mode
01: Repeat mode
10: Single sweep mode
11: Repeat sweep mode
0: A-D conversion is stopped.
1: A-D conversion is started.
b4b3
These bits are ignored in the single sweep and repeat sweep modes. (They may be “0”
or “1.”)
When an external trigger is selected, pin AN5 cannot be used as an analog input pin.
Writing to each bit (except bit 6) of the A-D control register 0 must be performed while the
A-D converter stops operating.
Analog input selection bits
(Valid in the one-shot and repeat
modes.) (Note 1)
Notes 1:
2:
3:
3
7
6
5
RW
RW
RW
RW
RW
RW
RW
RW
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com